Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROE-0515S Datasheet(PDF) 3 Page - Recom International Power

Part # ROE-0515S
Description  1 Watt SIP4 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROE-0515S Datasheet(HTML) 3 Page - Recom International Power

  ROE-0515S Datasheet HTML 1Page - Recom International Power ROE-0515S Datasheet HTML 2Page - Recom International Power ROE-0515S Datasheet HTML 3Page - Recom International Power ROE-0515S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC Converter
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)a
ECO-3
REV.: 3/2016
www.recom-power.com
ROE
Series
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
UL General Safety
E358085-A4
UL-60950-1, 2nd Edition
CAN/CSA General Safety
E358085-A4
C22.2 No. 60950-1-07
EMI Compliance
Condition
Standard / Criterion
EMC Conducted and Radiated
only with external filter (see suggestions)
EN55022, Class A
EN55022, Class B
DC
DC
C1
C2
L1
+Vin
-Vin
+Vout
-Vout
EMC Filtering - Suggestions for Class B
EN55022
Class A
Input Voltage
C1
L1
C2
3.3
10µF
1.2µH
470pF/4kVDC
5
10µF
3.3µH
470pF/4kVDC
12
2.2µF
10µH
470pF/4kVDC
15
2.2µF
10µH
470pF/4kVDC
24
2.2µF
22µH
470pF/4kVDC
EN55022
Class B
Input Voltage
C1
L1
C2
3.3
22µF
3.3µH
470pF/4kVDC
5
10µF
4.7µH
470pF/4kVDC
12
4.7µF
22µH
470pF/4kVDC
15
4.7µF
22µH
470pF/4kVDC
24
2.2µF
47µH
470pF/4kVDC
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
Potting Material
non-conductive black plastic (UL94V-0)
Epoxy (UL94V-0)
Package Dimension (LxWxH)
11.5 x 6.0 x 10.0mm
Package Weight
1.4g
Dimension Drawing (mm)
ROE-0505S
****
ROE-0505S
****
Bottom View
Top View
0.51
11.5
7.62
1.9
1 2 3 4
6.0
Marking
embossed logo
1.00 Ø +0.15/-0
2.54
Pin Connections
Pin # Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
Tolerance: xx.x= ±0.50mm
xx.xx=±0.25mm
Recommended Footprint Details


Similar Part No. - ROE-0515S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROE-0515S RECOM-ROE-0515S Datasheet
300Kb / 4P
   Low Cost 1W Converter
More results

Similar Description - ROE-0515S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO RECOM-RO_10 Datasheet
97Kb / 2P
   1 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
   1 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
   2 Watt SIP4 Single Output
ROM-1.81.8S RECOM-ROM-1.81.8S_06 Datasheet
91Kb / 3P
   1 Watt SIP4 Micro Size Single Output
ROM RECOM-ROM Datasheet
97Kb / 3P
   1 Watt SIP4 Micro Size Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
   0.5 Watt SIP4 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com