Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESCA-5005 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ESCA-5005
Description  5W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-5005 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ESCA-5005 Datasheet HTML 1Page - Astrodyne Corporation ESCA-5005 Datasheet HTML 2Page - Astrodyne Corporation ESCA-5005 Datasheet HTML 3Page - Astrodyne Corporation ESCA-5005 Datasheet HTML 4Page - Astrodyne Corporation ESCA-5005 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Efficiency
ModelNumber
OutputVoltage
OutputAmpsFL
Ripple/Noise
typatnom.Input
SINGLEOUTPUT-PCBMount
ESCA-5000
3.3 VDC
1.25A
150mV pk-pk
65%
ESCA-5001
5 VDC
1A
150mV pk-pk
67%
ESCA-5022
9 VDC
0.55A
150mV pk-pk
70%
ESCA-5002
12 VDC
0.42A
150mV pk-pk
70%
ESCA-5003
15 VDC
0.33A
150mV pk-pk
72%
ESCA-5018
18 VDC
0.27A
150mV pk-pk
70%
ESCA-5005
24VDC
0.23A
150mV pk-pk
72%
SINGLEOUTPUT-ChassisMount
ESCC-5000
3.3 VDC
1.25A
150mV pk-pk
65%
ESCC-5001
5 VDC
1A
150mV pk-pk
67%
ESCC-5022
9 VDC
0.55A
150mV pk-pk
70%
ESCC-5002
12 VDC
0.42A
150mV pk-pk
70%
ESCC-5003
15VDC
0.33A
150mV pk-pk
72%
ESCC-5018
18 VDC
0.27A
150mV pk-pk
70%
ESCC-5005
24VDC
0.23A
150mV pk-pk
72%
SINGLEOUTPUT-DINRailMount
ESCC-5000/DRL
3.3 VDC
1.25A
150mV pk-pk
66%
ESCC-5001/DRL
5 VDC
1A
150mV pk-pk
67%
ESCC-5022/DRL
9 VDC
0.55A
150mV pk-pk
70%
ESCC-5002/DRL
12 VDC
0.42A
150mV pk-pk
70%
ESCC-5003/DRL
15VDC
0.33A
150mV pk-pk
72%
ESCC-5018/DRL
18 VDC
0.27A
150mV pk-pk
70%
ESCC-5005/DRL
24VDC
0.23A
150mV pk-pk
72%
Universal 90-264VAC Input
High Efficiency
Improved EMI Performance
4242VDC Isolation
Single , Dual and Triple Outputs
Full Safety Approvals


Similar Part No. - ESCA-5005

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ESCA-5005 ASTRODYNE-ESCA-5005 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
More results

Similar Description - ESCA-5005

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5_16 Datasheet
444Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com