Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWC Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PWC
Description  PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PWC Datasheet(HTML) 1 Page - Astrodyne Corporation

  PWC_16 Datasheet HTML 1Page - Astrodyne Corporation PWC_16 Datasheet HTML 2Page - Astrodyne Corporation PWC_16 Datasheet HTML 3Page - Astrodyne Corporation PWC_16 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
PWC series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
5 Watts Output Power
3.3VDC to 24VDC Single Outputs
Universal Input
3,000VAC Input to Output Isolation
EN55022 Class B EMI
Industrial Op. Temp (“E” Versions)
Model Number
Output Voltage
Output Amps
Output Watts
Size (inches)
Efficiency, typ
SIP STYLE
PWC-3.3SE
3.3 VDC
1.25
4.1W
2.05 x 1.24 x 0.63
65%
PWC-5SE
5 VDC
1
5W
2.05 x 1.24 x 0.63
72%
PWC-12SE
12 VDC
0.42
5W
2.05 x 1.24 x 0.63
73%
PWC-15SE
15 VDC
0.34
5W
2.05 x 1.24 x 0.63
75%
PWC-24SE
24 VDC
0.23
5W
2.05 x 1.24 x 0.63
76%
CASED PCB MOUNT
PWC-3.3E
3.3 VDC
1.25
4.1W
1 x 2 x 0.6
65%
PWC-5E
5 VDC
1
5W
1 x 2 x 0.6
72%
PWC-12E
12 VDC
0.42
5W
1 x 2 x 0.6
73%
PWC-15E
15 VDC
0.34
5W
1 x 2 x 0.6
75%
PWC-24E
24 VDC
0.23
5W
1 x 2 x 0.6
76%
PWC-xxSE
PWC-xxE


Similar Part No. - PWC_16

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PWC-11 DATADELAY-PWC-11 Datasheet
116Kb / 1P
   PULSE WIDTH CONTROLLER
PWC-11-10 DATADELAY-PWC-11-10 Datasheet
116Kb / 1P
   PULSE WIDTH CONTROLLER
PWC-11-100 DATADELAY-PWC-11-100 Datasheet
116Kb / 1P
   PULSE WIDTH CONTROLLER
PWC-11-15 DATADELAY-PWC-11-15 Datasheet
116Kb / 1P
   PULSE WIDTH CONTROLLER
PWC-11-20 DATADELAY-PWC-11-20 Datasheet
116Kb / 1P
   PULSE WIDTH CONTROLLER
More results

Similar Description - PWC_16

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PWC ASTRODYNE-PWC Datasheet
638Kb / 5P
   PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
PWB ASTRODYNE-PWB Datasheet
514Kb / 3P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
PWB ASTRODYNE-PWB_16 Datasheet
266Kb / 5P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
AFC ASTRODYNE-AFC Datasheet
187Kb / 3P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
APC ASTRODYNE-APC Datasheet
247Kb / 3P
   5 Watt Ultraminiature Modular Switching Power Supplies
logo
Tumbler Technologies + ...
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
   200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
   30 WATT SWITCHING POWER SUPPLIES
PU40SL RSG-PU40SL Datasheet
164Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
PU110 RSG-PU110 Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
PU66 RSG-PU66 Datasheet
600Kb / 2P
   65 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com