Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESCA-0300 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ESCA-0300
Description  30W Ultraminiature Encapsulated Switching Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-0300 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ESCA-0300 Datasheet HTML 1Page - Astrodyne Corporation ESCA-0300 Datasheet HTML 2Page - Astrodyne Corporation ESCA-0300 Datasheet HTML 3Page - Astrodyne Corporation ESCA-0300 Datasheet HTML 4Page - Astrodyne Corporation ESCA-0300 Datasheet HTML 5Page - Astrodyne Corporation ESCA-0300 Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
30W Ultraminiature Encapsulated Switching Power Supplies
ECA30 series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
Model Number Output Voltage
Output Amps
Output Watts
Load Regulation Efficiency
Ripple & Noise
SINGLE OUTPUT - PCB Mount
ESCA-0300
3.3 Volts(DC)
7.5 Amps
25W
3% max.
73%, typ.
150mV p-p max.
ESCA-0301
5 Volts(DC)
6 Amps
30W
2% max.
78%, typ.
150mV p-p max.
ESCA-0322
9 Volts(DC)
3.33 Amps
30W
1% max.
81%, typ.
150mV p-p max.
ESCA-0302
12 Volts(DC)
2.5 Amps
30W
1% max.
83%, typ.
150mV p-p max.
ESCA-0303
15 Volts(DC)
2 Amps
30W
1% max.
84%, typ.
150mV p-p max.
ESCA-0318
18 Volts(DC)
1.67 Amps
30W
1% max.
84%, typ.
150mV p-p max.
ESCA-0305
24 Volts(DC)
1.25 Amps
30W
1% max.
84%, typ.
150mV p-p max.
ESCA-0312
48 Volts(DC)
0.63 Amps
30W
1% max.
85%, typ.
150mV p-p max.
SINGLE OUTPUT - Chassis Mount
ESCC-0300
3.3 Volts(DC)
7.5 Amps
25W
3% max.
73%, typ.
150mV p-p max.
ESCC-0301
5 Volts(DC)
6 Amps
30W
2% max.
78%, typ.
150mV p-p max.
ESCC-0322
9 Volts(DC)
3.33 Amps
30W
1% max.
81%, typ.
150mV p-p max.
ESCC-0302
12 Volts(DC)
2.5 Amps
30W
1% max.
83%, typ.
150mV p-p max.
ESCC-0303
15 Volts(DC)
2 Amps
30W
1% max.
84%, typ
150mV p-p max.
ESCC-0318
18 Volts(DC)
1.67 Amps
30W
1% max.
84%, typ.
150mV p-p max.
ESCC-0305
24 Volts(DC)
1.25 Amps
30W
1% max.
84%, typ.
150mV p-p max.
ESCC-0312
48 Volts(DC)
0.63 Amps
30W
1% max.
85%, typ.
150mV p-p max.
SINGLE OUTPUT - DIN Rail Mount
ESCC-0300/DRL 3.3 Volts(DC)
7.5 Amps
25W
3% max.
73%, typ.
150mV p-p max.
ESCC-0301/DRL 5 Volts(DC)
6 Amps
30W
2% max.
78%, typ.
150mV p-p max.
ESCC-0322/DRL 9 Volts(DC)
3.33 Amps
30W
1% max.
81%, typ.
150mV p-p max.
ESCC-0302/DRL 12 Volts(DC)
2.5 Amps
30W
1% max.
83%, typ.
150mV p-p max.
ESCC-0303/DRL 15 Volts(DC)
2 Amps
30W
1% max.
84%, typ
150mV p-p max.
ESCC-0318/DRL 18 Volts(DC)
1.67 Amps
30W
1% max.
84%, typ.
150mV p-p max.
ESCC-0305/DRL 24 Volts(DC)
1.25 Amps
30W
1% max.
84%, typ.
150mV p-p max.
ESCC-0312/DRL 48 Volts(DC)
0.63 Amps
30W
1% max.
85%, typ.
150mV p-p max.
Single / Dual / Triple Outputs
Universal 90 to 264VAC Input
3.3Volts(DC) to 48Volts(DC) Outputs
4242VDC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals


Similar Part No. - ESCA-0300

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0102 ASTRODYNE-ESCA-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

Similar Description - ESCA-0300

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com