Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1222 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1222
Description  10-Bit, 12-Bit Binary Multiplying D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1222 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DAC1222 Datasheet HTML 1Page - National Semiconductor (TI) DAC1222 Datasheet HTML 2Page - National Semiconductor (TI) DAC1222 Datasheet HTML 3Page - National Semiconductor (TI) DAC1222 Datasheet HTML 4Page - National Semiconductor (TI) DAC1222 Datasheet HTML 5Page - National Semiconductor (TI) DAC1222 Datasheet HTML 6Page - National Semiconductor (TI) DAC1222 Datasheet HTML 7Page - National Semiconductor (TI) DAC1222 Datasheet HTML 8Page - National Semiconductor (TI) DAC1222 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 5)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Va to Gnd
17V
VREF to Gnd
g
25V
Digital Input Voltage Range
Va to Gnd
DC Voltage at Pin 1 or Pin 2 (Note 3)
b
100 mV to Va
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
Dual-In-Line Package (plastic)
260 C
Dual-In-Line Package (ceramic)
300 C
ESD Susceptibility (Note 4)
800V
Operating Ratings
Min
Max
Units
Temperature (TA)
DAC1020LIV DAC1220LCJ
DAC1222LCJ
b
40
a
85
C
DAC1020LCN DAC1020LCV
DAC1021LCN
0
a
70
C
DAC1022LCN DAC1220LCN
0
a
70
C
DAC1222LCN
0
a
70
C
Electrical Characteristics (Va e 15V VREF e 10000V TA e 25 C unless otherwise specified)
DAC1020 DAC1021
DAC1220 DAC1222
Parameter
Conditions
DAC1022
Units
Min
Typ
Max
Min
Typ
Max
Resolution
10
12
Bits
Linearity Error
TMINkTAkTMAX
b
10VkVREFka10V
(Note 1) End Point Adjustment Only
(See Linearity Error in Definition of Terms)
10-Bit Parts
DAC1020 DAC1220
005
005
% FSR
9-Bit Parts
DAC1021
010
010
% FSR
8-Bit Parts
DAC1022 DAC1222
020
020
% FSR
Linearity Error Tempco
b
10VsVREFsa10V
00002
00002
% FS C
(Notes 1 and 2)
Full-Scale Error
b
10VsVREFsa10V
03
10
03
10
% FS
(Notes 1 and 2)
Full-Scale Error Tempco
TMINkTAkTMAX
0001
0001
% FS C
(Note 2)
Output Leakage Current
TMINsTAsTMAX
IOUT 1
All Digital Inputs Low
200
200
nA
IOUT 2
All Digital Inputs High
200
200
nA
Power Supply Sensitivity
All Digital Inputs High
0005
0005
% FSV
14VsVas16V (Note 2)
(Figure 2)
VREF Input Resistance
10
15
20
10
15
20
kX
Full-Scale Current Settling
RLe 100X from 0 to 99 95%
Time
FS
All Digital Inputs Switched
500
500
ns
Simultaneously
VREF Feedthrough
All Digital Inputs Low
10
10
mVp-p
VREFe20 Vp-p
100 kHz
J Package (Note 4)
6
9
6
9
mVp-p
N Package
2
5
2
5
mVp-p
Output Capacitance
IOUT 1
All Digital Inputs Low
40
40
pF
All Digital Inputs High
200
200
pF
IOUT 2
All Digital Inputs Low
200
200
pF
All Digital Inputs High
40
40
pF
http
www nationalcom
2


Similar Part No. - DAC1222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1222 TI1-DAC1222 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
More results

Similar Description - DAC1222

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
logo
Texas Instruments
DAC1020 TI1-DAC1020_11 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
   12-Bit, Multiplying D/A Converter
August 1997
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
logo
NEC
UPD7002 NEC-UPD7002 Datasheet
139Kb / 4P
   12-Bit Binary A/D Converter
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com