Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNX722C600XXT Datasheet(PDF) 1 Page - Visual Communications Company

Part # CNX722C600XXT
Description  Panel Mount Indicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNX722C600XXT Datasheet(HTML) 1 Page - Visual Communications Company

  CNX722C600XXT Datasheet HTML 1Page - Visual Communications Company CNX722C600XXT Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06/15 Rev 1
CNX 722FV Series
0.866” (22mm) Ruggedized LED
FlexVoltTM Panel Mount Indicator
CNX 722FV Series with built-in LED FlexVoltTM technology
offers fast, easy installation in harsh environments
www.vcclite.com
1.800.522.5546
engineered to light up your design
Key features
Product dimensions
Applications
• control cabinets
• instrument panels
• disinfection and sterilization environments
• transportation dashboards
• switch stations
• safety applications
• outdoor signage
• aircraft and military
• industrial machinery
• vending and gaming machines
• designed for extreme harsh and outdoor environments
• variety of connection options for fast, easy installation
• built-in LED can be used with 5 to 28 volt DC circuits
• fast pitch threads ease assembly, requiring only 1 turn
• special nut assembles by finger, or with 1” hex tool
• direct sunlight visibility
• wide viewing angle
• resistant to shock and vibration
• custom LEDs and lens colors available
• optional bezel available in many colors
• moisture sealed, IP67/NEMA 6P rated
Indicator
Assemblies
(red & green shown
with optional bezels)
Bezel* (optional)
.12 in[3mm]
o 1.26 in[32mm]
.6 in
[15.24mm]
o 1.01 in[25.6mm]
6 in[152.4mm]
.47 in[11.8mm]
o 1.26 in[32mm]
*All bezels are sold separately
Screw Blocks (B)
Wire Leads (W)
Terminals (T)
1.50 in[38.1mm]
Body Seal
0.031 in[0.8mm]


Similar Part No. - CNX722C600XXT

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX722C60005B VCC-CNX722C60005B Datasheet
560Kb / 2P
   wide angle viewable
CNX722C60005T VCC-CNX722C60005T Datasheet
560Kb / 2P
   wide angle viewable
CNX722C60005W VCC-CNX722C60005W Datasheet
560Kb / 2P
   wide angle viewable
CNX722C60012B VCC-CNX722C60012B Datasheet
560Kb / 2P
   wide angle viewable
CNX722C60012T VCC-CNX722C60012T Datasheet
560Kb / 2P
   wide angle viewable
More results

Similar Description - CNX722C600XXT

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL518-1G13 P-TEC-PL518-1G13 Datasheet
77Kb / 1P
   Panel Mount Indicator
logo
Marl International Limi...
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
logo
LUMEX INC.
SSI-LXMP059IDQ9222 LUMEX-SSI-LXMP059IDQ9222 Datasheet
111Kb / 1P
   RECTANGULAR PANEL MOUNT INDICATOR
logo
Visual Communications C...
5100F VCC-5100F Datasheet
140Kb / 2P
   LED Panel Mount Indicator
logo
Marl International Limi...
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
356-308-04 MARL-356-308-04 Datasheet
266Kb / 3P
   Quick-Mount Panel Mount Indicator
356-308-04 MARL-356-308-04 Datasheet
266Kb / 3P
   Quick-Mount Panel Mount Indicator
logo
LUMEX INC.
SSI-LXMP059GDQ9222 LUMEX-SSI-LXMP059GDQ9222 Datasheet
112Kb / 1P
   RECTANGULAR PANEL MOUNT INDICATOR
logo
Visual Communications C...
CNX480 VCC-CNX480 Datasheet
706Kb / 1P
   Ruggedized LED Panel Mount Indicator
logo
Marl International Limi...
570-320-04 MARL-570-320-04 Datasheet
413Kb / 3P
   Std Metal Panel Mount Indicator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com