Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SODE1B-SH Datasheet(PDF) 7 Page - Leshan Radio Company

Part # SODE1B-SH
Description  Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SODE1B-SH Datasheet(HTML) 7 Page - Leshan Radio Company

  SODE1B-SH Datasheet HTML 1Page - Leshan Radio Company SODE1B-SH Datasheet HTML 2Page - Leshan Radio Company SODE1B-SH Datasheet HTML 3Page - Leshan Radio Company SODE1B-SH Datasheet HTML 4Page - Leshan Radio Company SODE1B-SH Datasheet HTML 5Page - Leshan Radio Company SODE1B-SH Datasheet HTML 6Page - Leshan Radio Company SODE1B-SH Datasheet HTML 7Page - Leshan Radio Company SODE1B-SH Datasheet HTML 8Page - Leshan Radio Company SODE1B-SH Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Title :
5.2、SMD Power Diode General Packing Spec
A. 7" reel
all labels will be at cathode side of reel
A:LRC label;
B:Environment Label
C:Halide free label
B. 13" reel
A:LRC label;
B:Environment Labe C:Halide free label
C.Tape lead: face anode side of the reel,upper side is the tape lead position. All labels are at cathode side of the reel.
DOC NO.:
WI-258
Power Diode SMD Package Packing Spec
Version: 5
Modification: 0
Page: 5
A
A
A
C
C
C
C
front
side


Similar Part No. - SODE1B-SH

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODE1A-SH LRC-SODE1A-SH Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODE1J-SH LRC-SODE1J-SH_15 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
More results

Similar Description - SODE1B-SH

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODSF11-SH LRC-SODSF11-SH Datasheet
315Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODSF18-SH LRC-SODSF18-SH Datasheet
315Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODE1A-SH LRC-SODE1A-SH Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF107 LRC-FFMAF107 Datasheet
248Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF101-SH LRC-SODF101-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com