Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNXKX4206 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CNXKX4206
Description  K CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNXKX4206 Datasheet(HTML) 1 Page - Visual Communications Company

  CNXKX4206 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHONE: (760) 560-1300, FAX: (760) 560-1301 EMAIL: vccsales@vcclite.com
190 BOSSTICK BLVD. SUITE 101 SAN MARCOS, CA 92069 U.S.A
OPTOELECTRONICS
CABLE ORDERING CODE EXAMPLE:
CNX K
24
OPTIONS
LED
(ORDER SEPARATELY)
E
1
WHITE - BLACK
4
TERMINATION *
2
X =
WIRE COLOR *
RED - BLACK
WIRE LENGTH *
6 INCHES (152.4mm)
08
24 INCHES (609.6mm)
12
04
8 INCHES (203.2mm)
12
4 INCHES (101.6mm)
1
SINGLE ROW LOCKING HEADER
G =
SINGLE ROW PLAIN HEADER
* CALL FACTORY
STRIPPED END
E =
WIRE SIZE *
4
24 AWG
FOR ADDITIONAL
5MM FLANGLESS
12 INCHES (304.8mm)
18
06
18 INCHES (457.2mm)
W2
W1
ANODE (+) WHITE OR RED LEAD
1
2
CATHODE (-) BLACK LEAD
1
2
RETAINING RING
XX.XX
.680
17.272mm
REVISED PER ECR 111009AZ01
COMMUNICATIONS
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
001
MATERIAL:
A WHOLE WITHOUT THE WRITTEN
ANY REPRODUCTION IN PART OR AS
COMMUNICATIONS COMPANY, INC.
CNX K CABLE
PROPERTY OF VISUAL
WIRE - 24 AWG 1007/ 1569
COMPANY, INC IS PROHIBITED.
DRAWN
CHECKED
B
11/26/10
DWG. NO.
REV
SCALE: 1:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
DATE
DESCRIPTION
ECN #
DATE
FINISH
REV
1.
2.
REVISIONS
TERMINALS - PHOSPHOR BRONZE, TIN PLATED
HEADER CONNECTOR - POLYESTER, UL RATING 94-V0
PANEL CONNECTOR SOCKET - POLYPROPYLENE, UL RATING 94-HB
ROHS COMPLIANT
INITIALS
1
IN THIS DRAWING IS THE SOLE
THE INFORMATION CONTAINED
PERMISSION OF VISUAL
3.
MOUNTING: HOLE SIZE - 9/32" (7.14mm)
4.
PANEL THICKNESS: .030" (.762mm) MIN - .250" (6.35mm) MAX
USE RNG 242 RETAINING RING WHEN ADDITIONAL SECURITY IS REQUIRED
ASSEMBLY
6.
U.S. & FOREIGN PATENT ISSUED AND PENDING
APPROVAL
001
CNX K ASSY
11/26/10
K.Howard
DPZ
11/29/10
SEE NOTES
SEE NOTES
PROPRIETARY AND CONFIDENTIAL
TITLE:
5.
LED LEAD LENGTH: 5mm FLANGLESS LED .250" (6.35mm)
NOTES:
DIMENSION STYLE: INCHES / MM
GENERAL TOLERANCES UNLESS
OTHERWISE SPECIFIED:
INCHES
.500
MM
12.7
KH


Similar Part No. - CNXKX4206

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX-310 VCC-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-410 MARL-CNX-410 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
More results

Similar Description - CNXKX4206

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TTDS-025 TEC-TTDS-025 Datasheet
355Kb / 2P
   K-Type Cable Markers
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
   Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com