Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

270X128J252A1A Datasheet(PDF) 3 Page - CTS Corporation

Part No. 270X128J252A1A
Description  Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CTS [CTS Corporation]
Homepage  http://www.ctscorp.com
Logo 

270X128J252A1A Datasheet(HTML) 3 Page - CTS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical and Mechanical Specifications
ELECTRICAL
SERIES
TYPE
RATING
5A @ 20 VDC
3A @ 125 VAC
DIMENSION:
mm
inch
DIMENSION:
mm
inch
ELECTRICAL
SERIES
TYPE
RATING
Push On-Pull Off
DEMI
Momentary Contact
3A @ 20 VDC
Push On
Switch Actuating Torque - 2 to 10 in. oz.
(144 to 720gf-cm)
9.1
.358
0.4
.016
3.2
.126
15.9
.626
3.6
.142
4.37
4.37
.172
.172
Ø1.40 MIN. (2)HL'S
.055
15.3
.602
0.8
0.4
4.37
4.37
4.50
4.50
.031
.016
.172
.172
.177
.177
Ø1.40 MIN. (2)HOLES
.055
0.2
.008
0.4
.016
.205
5.2
.150
3.8
9.0
.354
T=
Ø2.41
.095 HOLES(2)
11.15
.439
057
Rotary
DEMI
3A @ 20 VDC
3 - 9
© 2015 CTS Corporation. All rights reserved. I nformation subject to change.
03/27/15
CTS Electrocomponents
www.ctscorp.com
Optional Power Switches (All SPST)
(UL Recognized)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn