Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4668 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4668
Description  10W High-Efficiency Mono BTL Audio Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4668 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4668 Datasheet HTML 1Page - National Semiconductor (TI) LM4668 Datasheet HTML 2Page - National Semiconductor (TI) LM4668 Datasheet HTML 3Page - National Semiconductor (TI) LM4668 Datasheet HTML 4Page - National Semiconductor (TI) LM4668 Datasheet HTML 5Page - National Semiconductor (TI) LM4668 Datasheet HTML 6Page - National Semiconductor (TI) LM4668 Datasheet HTML 7Page - National Semiconductor (TI) LM4668 Datasheet HTML 8Page - National Semiconductor (TI) LM4668 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics for the LM4668 (Note 1) (Continued)
Note 8: Datasheets min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Shutdown current is measured in a normal room environment. The SHUTDOWN pin should be driven as close as possible to GND for minimum shutdown
current.
Note 10: Please refer to “Under Voltage Protection” on page 8 under “General Features.”
Typical Performance Characteristics
THD+N vs Frequency
V
DD = 9V, RL =8
Ω,P
O =1W
THD+N vs Frequency
V
DD = 12V, RL =8
Ω,P
O =1W
20089106
20089107
THD+N vs Frequency
V
DD = 14V, RL =8
Ω,P
O =1W
THD+N vs Output Power
R
L =8
Ω,V
DD = 9V, f = 1kHz
20089108
20089109
THD+N vs Output Power
R
L =8
Ω,V
DD = 12V, f = 1kHz
THD+N vs Output Power
R
L =8
Ω,V
DD = 14V, f = 1kHz
20089110
20089111
www.national.com
4


Similar Part No. - LM4668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4663MT NSC-LM4663MT Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
logo
Texas Instruments
LM4665 TI1-LM4665 Datasheet
1Mb / 28P
[Old version datasheet]   LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
More results

Similar Description - LM4668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4680 NSC-LM4680 Datasheet
754Kb / 11P
   10W High-Efficiency Mono BTL Audio Power Amplifier
logo
Sanyo Semicon Device
LA4919N SANYO-LA4919N Datasheet
79Kb / 6P
   Monolithic Linear IC Two-Channel 10W BTL High-Efficiency TV Audio Output Power Amplifier
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
   7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
AN7161NFP PANASONIC-AN7161NFP Datasheet
225Kb / 4P
   BTL High Audio Power Amplifier
logo
NTE Electronics
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
   Integrated Circuit Mono BTL Audio Amplifier, 3W
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
NTE Electronics
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
   Integrated Circuit 1W BTL Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com