Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

270X220J252A1A Datasheet(PDF) 9 Page - CTS Corporation

Part No. 270X220J252A1A
Description  Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

270X220J252A1A Datasheet(HTML) 9 Page - CTS Corporation

  270X220J252A1A Datasheet HTML 1Page - CTS Corporation 270X220J252A1A Datasheet HTML 2Page - CTS Corporation 270X220J252A1A Datasheet HTML 3Page - CTS Corporation 270X220J252A1A Datasheet HTML 4Page - CTS Corporation 270X220J252A1A Datasheet HTML 5Page - CTS Corporation 270X220J252A1A Datasheet HTML 6Page - CTS Corporation 270X220J252A1A Datasheet HTML 7Page - CTS Corporation 270X220J252A1A Datasheet HTML 8Page - CTS Corporation 270X220J252A1A Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SHAFT LENGTH “L”
METAL SHAFTS
EXAMPLES
20 – .625"
24 – .750"
28 – .875"
32 – 1.000"
TERMINAL STYLE
T – SOLDER LUG
X – PC
U – FORMED
TO FRONT
V – FORMED
TO REAR
*
for 275
Ordering Information
270/275
T 2
20
R
103
B
1
A
1
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
SWITCH TYPE
A – NONE
B – SPST ROTARY
SHAFT DIAMETER AND TRIM
A – .125" DIA. ROUND
B – .125" DIA. FLATTED
C – .125" DIA. SLOTTED
R – .156" DIA. ROUND
F – .156" DIA. FLATTED
S – .156" DIA. SLOTTED
G – .187" DIA. ROUND
H – .187" DIA. FLATTED
J – .187" DIA. SLOTTED
X – .236" DIA. ROUND
L – .236" DIA. FLATTED
M – .236" DIA. SLOTTED
N – .236" DIA. SLOTTED & KNURLED
P – .250" DIA. ROUND
D – .250" DIA. FLATTED
E – .250" DIA. SLOTTED
T – .236" DIA. SLOTTED & KNURLED
TAPER
1 – LINEAR
2 – 10% AUD
3 – 10% CCW
AUD
SPECIALS
1 – LEFT LOCATING LUG
2 – 50% DETENT WITH LEFT
LOCATING LUG
4 – RIGHT LOCATING LUG
5 – NO LOCATING LUG
RESISTANCE CODE
EXAMPLES
CODE
RESISTANCE
501
500 OHMS
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
*
*
C – DEMI
MOMENTARY
D – DEMI
PUSH-PULL
9 - 9
© 2015 CTS Corporation. All rights reserved. I nformation subject to change.
03/27/15
CTS Electrocomponents
www.ctscorp.com
3 – 50% DETENT WITH RIGHT
LOCATING LUG
MOUNTING STYLE “A”
BRASS BUSHING MOUNT
LENGTH EXAMPLES
2 – .250"
3 – .375"
8 – 1.000"
1 – TWIST TAB
3/8" – 32UNEF-2A
LENGTH INCREMENT: 1/8”
TWIST TAB MOUNT
BRACKET MOUNT
0 – BRACKET
METAL SHAFT
Consult CTS for custom or not listed features including shaft, bushing, longer life cycles, solderable cover, anti-static design, etc.
MOLDED SHAFT
MOLDED SHAFT
Note :
16 – .500" (shaft trim “U” & “K” only)
LENGTH INCREMENT: 1/32”
16 – .500"
*U – .187" DIA. SLOTTED & KNURLED
(.500” shaft length only)
*V – .187" DIA. FLATTED (.875” shaft length only)
**W – .236" DIA. FLATTED
32 – .984" (shaft trim “W” only)
28 – .875" (shaft trim “V” only)
(.984” shaft length only)
* Molded shaft not available with swtich
** Molded shaft with rotary switch only
**K – .236" DIA. SLOTTED & KNURLED
(.500” shaft length only)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn