Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V241L15PF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V241L15PF
Description  3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V241L15PF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V241L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V241L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V241L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V241L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V241L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V241L15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V241L15PF Datasheet HTML 12Page - Integrated Device Technology IDT72V241L15PF Datasheet HTML 13Page - Integrated Device Technology IDT72V241L15PF Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
NOTES:
1. m =
PAF offset.
2. 256 - m words in FIFO for IDT72V201, 512 - m words for IDT72V211, 1,024 - m words for IDT72V221, 2,048 - m words for IDT72V231, 4,096 - m words for IDT72V241, 8,192 - m
words for IDT72V251.
3. tSKEW2 is the minimum time between a rising RCLK edge and a rising WCLK edge for
PAF to change during that clock cycle. If the time between the rising edge of RCLK and
the rising edge of WCLK is less than tSKEW2, then
PAF may not change state until the next WCLK rising edge.
4. If a write is performed on this rising edge of the write clock, there will be Full - (m-1) words in the FIFO when
PAF goes LOW.
NOTES:
1. n =
PAE offset.
2. tSKEW2 is the minimum time between a rising WCLK edge and a rising RCLK edge for
PAE to change during that clock cycle. If the time between the rising edge of WCLK and
the rising edge of RCLK is less than tSKEW2, then
PAE may not change state until the next RCLK rising edge.
3. If a read is performed on this rising edge of the read clock, there will be Empty + (n-1) words in the FIFO when
PAE goes LOW.
Figure 11. Programmable Empty Flag Timing
Figure 10. Programmable Full Flag Timing
tENS
tENH
tENS
tENH
tENS
tENH
WCLK
WEN1
WEN2
(If Applicable)
PAF
RCLK
REN1,
REN2
(4)
(1)
tPAF
Full - (m + 1) words in FIFO
Full - m words in FIFO
(2)
tCLKH
tCLKL
tSKEW2
(3)
tPAF
4092 drw12
WCLK
WEN1
WEN2
PAE
RCLK
REN1,
REN2
tENS
tENH
tENS
tENH
tSKEW2
(2)
tENS
tENH
(If Applicable)
tPAE
tPAE
(3)
(1)
n words in FIFO
n + 1 words in FIFO
tCLKH
tCLKL
4092 drw13


Similar Part No. - IDT72V241L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V241 IDT-IDT72V241 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V241 RENESAS-IDT72V241 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results

Similar Description - IDT72V241L15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com