Electronic Components Datasheet Search |
|
REM10-2405D Datasheet(PDF) 5 Page - Recom International Power |
|
REM10-2405D Datasheet(HTML) 5 Page - Recom International Power |
5 / 6 page Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up) DC/DC Converter Power Frequency Magnetic Field 10A/m EN61000-4-8, Criteria A Thermal Shock MIL-STD-810F Vibration MIL-STD-810F DIMENSION and PHYSICAL CHARACTERISTICS Parameter Type Value Case Material Potting Material non-conductive black plastic silicone (UL94-V0) Package Dimension (LxWxH) 31.80 x 20.30 x 10.40mm Package Weight 14g continued on next page MED-5 REV.: 05/2016 www.recom-power.com Notes: Note6: An external input filter capacitor is required if the model has to meet EN61000-4-4 or/and EN61000-4-5. Recommended components: 5Vin aluminium capacitor (Nippon Chemi-con KY series, 1000µF/25V) and a reverse diode (Vishay V10P45) to connect in parallel 12Vin, 24Vin aluminium capacitor (Nippon Chemi-con KY series, 470µF/50V) 48Vin aluminium capacitor (Nippon Chemi-con KY series, 330µF/100V) Note7: The whole REM10 series can meet EMI Class A with no external filter. And Class B only with external components. REM10 Series EMC Filter Suggestion for Class B (8) C1 +VIN -VIN L1 L2 C2 C3 MODEL C1 (8) C2 (8) C3 (8) L1 (8) L2 (8) REM10-05xxS_D N/A 22µF/16V MLCC 22µF/16V MLCC 3.3µH; 5.0A WE 74437346033 14mH WE 744841414 REM10-12xxS_D REM10-24xxS_D REM10-24xxS_D/W 4.7µF/50V MLCC 4.7µF/50V MLCC N/A 10µH; 3.0A WE 74437346100 200µH WE 744272221 REM10-48xxS_D REM10-48xxS_D/W 1µF/100V MLCC 4.7µF/100V MLCC N/A 10µH; 3.0A WE 74437346100 500µH WE 744223 Notes: Note8: The component values can be adapted according to customers‘ applictation. |
Similar Part No. - REM10-2405D |
|
Similar Description - REM10-2405D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |