Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC5-4812DRW Datasheet(PDF) 2 Page - Recom International Power

Part # REC5-4812DRW
Description  5 Watt DIP24 & SMD Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5-4812DRW Datasheet(HTML) 2 Page - Recom International Power

  REC5-4812DRW Datasheet HTML 1Page - Recom International Power REC5-4812DRW Datasheet HTML 2Page - Recom International Power REC5-4812DRW Datasheet HTML 3Page - Recom International Power REC5-4812DRW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Input Voltage Range
2:1 & 4:1
Output Voltage Accuracy
±2% max.
Line Regulation (HL-LL)
±0.3% max.
Load Regulation (for output load current change from 20% to 100%)
±0.6% max.
Minimum Load
10% (2)
Output Ripple and Noise (0,1µF capacitor on output, 20MHz BW)
50mVp-p max.
Operating Frequency at Full Load
2:1 input
120kHz typ.
(at nominal input voltage)
4:1 input
200kHz typ.
Input Filter
Pi Network
Efficiency at Full Load
see above
No Load Power Consumption
300mW max.
Isolation Voltage
H2-Suffix
(tested for 1 second)
2000VDC
(rated for 1 minute**)
1000VAC / 60Hz
Isolation Voltage
H4-Suffix
(tested for 1 second)
4000VDC
(rated for 1 minute**)
2000VAC / 60Hz
Isolation Voltage
H6-Suffix
(tested for 1 second)
6000VDC
(rated for 1 minute**)
3000VAC / 60Hz
Isolation Capacitance
60pF typ.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection (Max temp. = 50°C during short circuit conditions)
Continuous, Auto Restart
Operating Temperature (free air convection)
-40°C to +75°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Non-Conductive Plastic or Metal
Thermal Impedance
Natural convection
20°C/W for plastic case
12°C/W for metal case
Package Weight
13g
Packing Quantity
15 pcs per Tube
100 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
850 x 103hours
(+75°C)
using MIL-HDBK 217F
206 x 103hours
Certifications
UL General Safety
Report: E358085
UL 60950-1 1st Ed.
C22.2 No. 60950-1-03
EN General Safety
Report: SPCLVD1212007
EN60950-1:2006 + 9+A1:2010+A12:2011
EN Medical Safety
Report: MDD1205098-3 + RM1205098-3
IEC/EN 60601-1 3rd Edition, Medical Report + ISO14971 Risk Assessment
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
REC5-S_DRW(Z)
/H* Series
ECONOLINE
DC/DC-Converter
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1212
123.3
1209
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2412
243.3
2405
12V Single 2:1
24V Single 2:1
} DetailedInformationsee
Application Notes chapter "MTBF"
Ordering Examples:
REC5-0512DRW/H2/A/CTRL= 2:1 input, 5V Vin,
±12V Vout, 2kVDC, pinout “A”,plastic case, control pin
REC5-4812SRWZ/H4/A/M = 4:1 input, 48V Vin, 12V
Vout, 4kVDC, pinout “A”,metal case, no control pin
REC5-1212DRWZ/H/B = 4:1 input, 12V Vin, ±12V
Vout, 1.6kVDC, pinout “B”,plastic case, no control pin
REC5-0505SRW/H6/C/SMD = 2:1 input, 5V Vin, 5V
Vout, 6kVDC, SMD pinout “C”,plastic case, no control
pin
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to our Application Notes.
Notes
Note 1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
Note 2:
The REC 5 series requires a minimum of 10% load on the output to maintain specified regulation. Operating under no-load conditions
will not damage these devices; however, they may not meet all listed specifications.
‘B” Pinning is restricted to 1.6kV isolation due
to the closeness of the input and output pins.
If the options "/M" for metal case and "/SMD"
for SMD pinout are combined, the maximum
allowed isolation voltage is 2kVDC because of
the shorter distances between pins and the
metal case.
DIP-24 through-hole case and SMD-plastic
case are not affected and offer the full isolation
barriers of 2kV through to 6kVDC.
Isolation Restrictions
REV: 0/2015
www.recom-power.com
E-150


Similar Part No. - REC5-4812DRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-4812DRW RECOM-REC5-4812DRW Datasheet
95Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC5-4812DRW RECOM-REC5-4812DRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-4812DRWH1 RECOM-REC5-4812DRWH1 Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-4812DRWH1AM RECOM-REC5-4812DRWH1AM Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-4812DRWH1AMSMD RECOM-REC5-4812DRWH1AMSMD Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC5-4812DRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
RP05-2433SAW RECOM-RP05-2433SAW Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-053.3SRWH4 RECOM-REC5-053.3SRWH4 Datasheet
88Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
RP05-123.3SF RECOM-RP05-123.3SF Datasheet
99Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com