Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC30-4812D Datasheet(PDF) 4 Page - Recom International Power

Part # REC30-4812D
Description  30 Watt Single and Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30-4812D Datasheet(HTML) 4 Page - Recom International Power

  REC30-4812D Datasheet HTML 1Page - Recom International Power REC30-4812D Datasheet HTML 2Page - Recom International Power REC30-4812D Datasheet HTML 3Page - Recom International Power REC30-4812D Datasheet HTML 4Page - Recom International Power REC30-4812D Datasheet HTML 5Page - Recom International Power REC30-4812D Datasheet HTML 6Page - Recom International Power REC30-4812D Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
CB General Safety
E224736
IEC60950-1, 2nd Edition, 2013
UL General Safety
E224736
UL60950-1, 2nd Edition, 2014
EN General Safety
E224736
EN60950-1, 2nd Edition, 2013
CAN/CSA General Safety
E224736
C22.2 No. 60950-1-07, 2014
EMC Compliance
Condition
Standard / Criterion
EMI
with external filter (see filter suggestions)
EN55022, Class A,B
ESD
Air: ±8kV; Contact: 4kV
EN61000-4-2, Criteria B
Radiated Immunity
10V/m
EN61000-4-3, Criteria A
Fast Transient
±1kV
EN61000-4-4, Criteria B
Surge (4)
±1kV
EN61000-4-5, Criteria A
Conducted Immunity
10Vr.m.s
EN61000-4-6, Criteria A
Power Magnetic Field
50Hz 1A/m (r.m.s)
EN61000-4-8, Criteria A
continued on next page
REC30
Series
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
C3
DC
DC
C1
C2
+Vout
-Vout
Com
+Vin
-Vin
EMC Filtering - Suggestions for Class A
ECO-4
REV.: 1/2016
www.recom-power.com
MODEL
C1
C2
C3
REC30-12xxS
330µF/50V
2200pF/3kV
NA
REC30-24xxS
330µF/50V
2200pF/3kV
NA
REC30-48xxS
330µF/100V
2200pF/3kV
NA
REC30-12xxD
330µF/50V
2200pF/3kV
2200pF/3kV
REC30-24xxD
330µF/50V
2200pF/3kV
2200pF/3kV
REC30-48xxD
330µF/100V
2200pF/3kV
2200pF/3kV
Notes:
Note3: For more details, please contact our technical support service at TechsupportAT@recom-power.com
Notes:
Note4: An external MOV is required if the module has to meet EN61000-4-5. The MOV suggest: NichTek SVI32-380
100
80
60
50
40
20
0
-40
0
60
40
20
-20
100
70
85 90
120
80
Ambient Temperature (°C)
Safe Operating Area
100
80
60
50
40
20
0
-40
0
60
40
20
-20
100
70
85
75
120
80
Ambient Temperature (°C)
Safe Operating Area
Derating Graph
@ nominal input voltage, full load and natural convection (20LFM)
REC30-485.1S
REC30-2415D


Similar Part No. - REC30-4812D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-4812D RECOM-REC30-4812D Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
REC30-4812DRWB RECOM-REC30-4812DRWB Datasheet
106Kb / 4P
   30 Watt 2 inch x 2 inch Single & Dual Output
REC30-4812DRWZ RECOM-REC30-4812DRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
REC30-4812DRWZH RECOM-REC30-4812DRWZH Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
REC30-4812DZ RECOM-REC30-4812DZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results

Similar Description - REC30-4812D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com