Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC30-4815S Datasheet(PDF) 6 Page - Recom International Power

Part # REC30-4815S
Description  30 Watt Single and Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30-4815S Datasheet(HTML) 6 Page - Recom International Power

  REC30-4815S Datasheet HTML 1Page - Recom International Power REC30-4815S Datasheet HTML 2Page - Recom International Power REC30-4815S Datasheet HTML 3Page - Recom International Power REC30-4815S Datasheet HTML 4Page - Recom International Power REC30-4815S Datasheet HTML 5Page - Recom International Power REC30-4815S Datasheet HTML 6Page - Recom International Power REC30-4815S Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
REC30
Series
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 1/2016
www.recom-power.com
INSTALLATION and APPLICATION
External Output Voltage Trimming
R1
RU
Vref
R2
R3
-Vout
Trim
R1
Rd
Vref
R2
R3
+Vout
Trim
R1
RU
Vref
R2
R3
-Vout
Trim
R1
Rd
Vref
R2
R3
+Vout
Trim
Trim up
Trim down
RU =
aR2
- R3
a =
Vref
x R1
R2-a
Vó - Vref
Rd =
bR1
- R3
b =
Vref
x R2
R1-b
Vó - Vref
Notes:
Note5:
RU and Rd is mean trim resistor, please check the formula.
Note6:
a & b: user define parameter, no actual meanings.
Note7:
Vó is mean trim up/down voltage.
Note8:
Value for R1, R2, R3 and Vref refer to table.
Output
Voltage
3.4V
5.1V
12V
15V
R1
2.1K
2.55K
9.53K
9.09K
R2
1.198561K
2.449341K
2.498617K
1.810845K
R3
6.8K
9.76K
16.9K
13K
Vref
1.240
2.500
2.500
2.500
45.72
2.54
2.54
1
5
6
7
8
2
4
50.8
5.08
Ø1.0
Pin Connections
Pin # Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
Remote ON/OFF
5
No Pin
+Vout
6
+Vout
Com
7
-Vout
-Vout
8
Trim
Trim
Tolerance: xx.x=
±0.5mm
xx.xx= ±0.35mm
Pin:
±0.05mm


Similar Part No. - REC30-4815S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-4815S RECOM-REC30-4815S Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
REC30-4815SRWB RECOM-REC30-4815SRWB Datasheet
106Kb / 4P
   30 Watt 2 inch x 2 inch Single & Dual Output
REC30-4815SRWZ RECOM-REC30-4815SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
REC30-4815SRWZH RECOM-REC30-4815SRWZH Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
REC30-4815SZ RECOM-REC30-4815SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results

Similar Description - REC30-4815S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com