Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC5-0512DRWZ Datasheet(PDF) 1 Page - Recom International Power

Part # REC5-0512DRWZ
Description  5 Watt DIP24 & SMD Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5-0512DRWZ Datasheet(HTML) 1 Page - Recom International Power

  REC5-0512DRWZ Datasheet HTML 1Page - Recom International Power REC5-0512DRWZ Datasheet HTML 2Page - Recom International Power REC5-0512DRWZ Datasheet HTML 3Page - Recom International Power REC5-0512DRWZ Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
REC 5
5 Watt
DIP24 & SMD
Single & Dual
Output
High 4kVDC & 6kVDC Isolation
5W DIP24 Industry Standard Package
Feedback Regulated Output
Continuous Short Circuit Protection
Wide Inputs 2:1 & 4:1
Approved for Medical Applications
UL and EN Safety Approvals
2 Pinout Options, 3 Case Styles
Efficiency to 86 %
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
DIP24 (SMD)
(VDC)
(VDC)
(mA)
(%)
Load (1)
REC5-xx3.3SRW/H*
9 - 18, 18 - 36, 36 - 72
3.3
1000
75-77
6800µF
REC5-xx05SRW/H*
9 - 18, 18 - 36, 36 - 72
5
1000
79-81
6800µF
4.5 - 9V
72
REC5-xx09SRW/H*
9 - 18, 18 - 36, 36 - 72
9
556
82-83
6800µF
4.5 - 9V
73
REC5-xx12SRW/H*
9 - 18, 18 - 36, 36 - 72
12
420
84-85
6800µF
4.5 - 9V
74
REC5-xx15SRW/H*
9 - 18, 18 - 36, 36 - 72
15
340
85-86
6800µF
4.5 - 9V
75
REC5-xx05DRW/H*
9 - 18, 18 - 36, 36 - 72
±5
±500
79-81
±2200µF
4.5 - 9V
72
REC5-xx09DRW/H*
9 - 18, 18 - 36, 36 - 72
±9
±278
82-84
±2200µF
4.5 - 9V
74
REC5-xx12DRW/H*
9 - 18, 18 - 36, 36 - 72
±12
±210
84-85
±2200µF
4.5 - 9V
75
REC5-xx15DRW/H*
9 - 18, 18 - 36, 36 - 72
±15
±170
85-86
±2200µF
4.5 - 9V
75
REC5-xx3.3SRWZ/H*
9 - 36**, 18 - 72
3.3
1000
75-76
6800µF
REC5-xx05SRWZ /H*
9 - 36**, 18 - 72
5
1000
81-82
6800µF
REC5-xx09SRWZ/H*
9 - 36, 18 - 72
9
556
82-83
6800µF
REC5-xx12SRWZ /H*
9 - 36, 18 - 72
12
420
83-84
6800µF
REC5-xx15SRWZ/H*
9 - 36, 18 - 72
15
340
84-85
6800µF
REC5-xx05DRWZ/H*
9 - 36**, 18 - 72
±5
±500
81-82
±2200µF
REC5-xx09DRWZ/H*
9 - 36, 18 - 72
±9
±278
82-84
±2200µF
REC5-xx12DRWZ /H*
9 - 36, 18 - 72
±12
±210
82-83
±2200µF
REC5-xx15DRWZ /H*
9 - 36, 18 - 72
±15
±170
84-85
±2200µF
H* = H2, H4 or H6 for A or C pinning options with 2kVDC, 4kVDC or 6kVDC isolation.
H* = H for B pinning option with 1.6kVDC isolation only. ** Derate to 900mA (±450mA) max. at Vin=9V
This series offers standard isolation of 2kVDC with 4kVDC or 6kVDC options making it ideal
for both industrial, medical and other sophisticated high end applications. Packaging can be
either DIP-24 non-conductive plastic or 5-side-shielded DIP24 metal case (= option "/M") as
well as DIP24-SMD case (= option "/SMD"). For all the above variants, 2 industry-standard
pinouts (= option "/A" or "/C") are available. “B” pinning is also available with “/H” isolation
of 1.6kVDC. Remote on/off control is possible with the /CTRL option (“A” pinning only). The
converters can deliver 140% rated power for short periods of time to cope with applications
with large capacitive loads or high start up currents.
Description
EN-60950-1 Certified
UL-60950-1 Certified
EN-60601-1 Certified
* add suffix "/A", "/A/X2", "/B"or "/C" for pinning options,
see next page and Isolation Restrictions.
* add suffix "/M" for metal case.
* add suffix "/SMD" for SMD package.
* add suffix "/CTRL" for control pin option
(A Pinning only)
* add suffix -R for Tape and Reel packaging
2:1 Input
4:1 Input
(REC5-S/DRW)
(REC5-S/DRWZ)
xx = 4.5-9Vin = 05
xx = 9-36Vin = 24
xx = 9-18Vin = 12
xx = 18-72Vin = 48
xx = 18-36Vin = 24
xx = 36-72Vin = 48
.
Refer to Application Notes
E358085
RoHS
2011/65/EU
6/6
100
20
(2W) 40
50
0
75
125
Operating Temperature °C
0
80
Safe Operating Area
105
-40
95
(3W) 60
25
Derating-Graph
(Ambient Temperature)
REV: 0/2015
E-149
www.recom-power.com


Similar Part No. - REC5-0512DRWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-0512DRWZH4 RECOM-REC5-0512DRWZH4 Datasheet
88Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-0512DRWZH4SMD RECOM-REC5-0512DRWZH4SMD Datasheet
88Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-0512DRWZH6 RECOM-REC5-0512DRWZH6 Datasheet
88Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-0512DRWZH6SMD RECOM-REC5-0512DRWZH6SMD Datasheet
88Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC5-0512DRWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
RP05-2433SAW RECOM-RP05-2433SAW Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-053.3SRWH4 RECOM-REC5-053.3SRWH4 Datasheet
88Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
RP05-123.3SF RECOM-RP05-123.3SF Datasheet
99Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com