Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR107P Datasheet(PDF) 3 Page - Leshan Radio Company

Part # FR107P
Description  Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR107P Datasheet(HTML) 3 Page - Leshan Radio Company

  FR107P Datasheet HTML 1Page - Leshan Radio Company FR107P Datasheet HTML 2Page - Leshan Radio Company FR107P Datasheet HTML 3Page - Leshan Radio Company FR107P Datasheet HTML 4Page - Leshan Radio Company FR107P Datasheet HTML 5Page - Leshan Radio Company FR107P Datasheet HTML 6Page - Leshan Radio Company FR107P Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5.Package Dimensions in inches and (millmeters)
Min.
Max.
Min.
Max.
L
0.166
0.205
4.2
5.2
L1
1.0
-
25.4
-
ΦD
0.080
0.107
2.0
2.7
Φd
0.028
0.034
0.7
0.9
inches
mm
Note:
DO-41
molded plastic case
The marking band indicates the
cathode
Dimensions
L
Φd
ΦD
Package outline
LESHAN RADIO COMPANY, LTD.
3/3


Similar Part No. - FR107P

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR107P RECTRON-FR107P Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Leshan Radio Company
FR107P LRC-FR107P Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
logo
Formosa MS
FR107P FORMOSA-FR107P Datasheet
59Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
FR107P PACELEADER-FR107P Datasheet
534Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Leshan Radio Company
FR107PG LRC-FR107PG_15 Datasheet
262Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifiers
More results

Similar Description - FR107P

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BA159 LRC-BA159 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
BA159D LRC-BA159D Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
1N4937S LRC-1N4937S Datasheet
238Kb / 8P
   Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
RS1A LRC-RS1A Datasheet
180Kb / 9P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Rugao Dachang Electroni...
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
DRS1M LRC-DRS1M Datasheet
533Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com