Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR101 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # FR101
Description  Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR101 Datasheet(HTML) 6 Page - Leshan Radio Company

  FR101 Datasheet HTML 1Page - Leshan Radio Company FR101 Datasheet HTML 2Page - Leshan Radio Company FR101 Datasheet HTML 3Page - Leshan Radio Company FR101 Datasheet HTML 4Page - Leshan Radio Company FR101 Datasheet HTML 5Page - Leshan Radio Company FR101 Datasheet HTML 6Page - Leshan Radio Company FR101 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A.包装盒尺寸/Box Dimension
( DO-41&DO-15 )
Item
Symbol
Dimension
H
L
200±2
W
84±2
H
21±2
L
( DO-201AD )
H
Item
Symbol
Dimension
L
200±2
W
84±2
L
H
29±2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
465±2
C
W
225±2
H
260±4
B
A
按以上包装方式:(As per the above spec)
DO-15
0.5K
25K
3. 散装/Bulk Packing
Q'ty/Taping
1K
0.3K
Q'ty/Packing Case
50K
12K
外型/Outside
DO-41&A-405&R-1
DO-201AD
W
Box's
Size
W
Case's
Size
Box's
Size
LESHAN RADIO COMPANY, LTD.


Similar Part No. - FR101

ManufacturerPart #DatasheetDescription
logo
RFE international
FR101 RFE-FR101 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Surge Components
FR101 SURGE-FR101 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR101 DYELEC-FR101 Datasheet
594Kb / 2P
   1.0 AMP.Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FR101 LUGUANG-FR101 Datasheet
156Kb / 2P
   Fast Recovery Rectifier Diodes
logo
Leshan Radio Company
FR101 LRC-FR101 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
More results

Similar Description - FR101

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BA159 LRC-BA159 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
BA159D LRC-BA159D Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
1N4937S LRC-1N4937S Datasheet
238Kb / 8P
   Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
RS1A LRC-RS1A Datasheet
180Kb / 9P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Rugao Dachang Electroni...
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
DRS1M LRC-DRS1M Datasheet
533Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com