Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SD1781K Datasheet(PDF) 1 Page - Rohm

Part No. 2SD1781K
Description  Medium Power Transistor (32V, 0.8A)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

2SD1781K Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SD1781K
Transistors
Rev.A
1/3
Medium Power Transistor (32V, 0.8A)
2SD1781K
Features
1) Very Low VCE(sat).
VCE(sat) =
−0.1V(Typ.)
(IC / IB= 500mA / 50mA)
2) High current capacity in compact package.
3) Complements the 2SB1197K.
Structure
Epitaxial planar type
NPN silicon transistor
External dimensions (Unit : mm)
0~0.1
1.1
0.8
±0.1
0.15
0.4
2.9
±0.2
1.9
±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
(1) Emitter
(2) Base
(3) Collector
ROHM : SMT3
EIAJ : SC-59
Abbreviated symbol : AF
All terminals have
same dimensions
Denotes hFE
Absolute maximum ratings (Ta=25
°C)
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
40
V
V
V
A (DC)
mW
°C
°C
32
5
0.8
A (Pulse)
1.5
IC
ICP
200
150
−55 to
+150
Symbol
Limits
Unit
Single pulse Pw=100ms
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn