Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE57811 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE57811
Description  Advanced DDR memory termination power with shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57811 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NE57811 Datasheet HTML 3Page - NXP Semiconductors NE57811 Datasheet HTML 4Page - NXP Semiconductors NE57811 Datasheet HTML 5Page - NXP Semiconductors NE57811 Datasheet HTML 6Page - NXP Semiconductors NE57811 Datasheet HTML 7Page - NXP Semiconductors NE57811 Datasheet HTML 8Page - NXP Semiconductors NE57811 Datasheet HTML 9Page - NXP Semiconductors NE57811 Datasheet HTML 10Page - NXP Semiconductors NE57811 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product data
NE57811
Advanced DDR memory termination power
with shutdown
2003 Apr 02
7
THERMAL DESIGN
Designing the proper thermal system for the NE57811 is important
to its reliable operation. The NE57811 will be operating at an
average power level less than the maximum rating of the part. In a
typical DDR terminator system the average power dissipation is
between 0.8 and 1.5 watts. The termination power will vary as the
average number of ‘1s’ and ‘0s’ changes during normal operation of
the DDR memory. The load current will assume a new value for
each bus cycle at a 266 MHz rate, and will increase and decrease
as the statistical average of bus states change.
The terminator heatsink must be designed to accommodate the
average power as a steady state condition and be able to withstand
momentary periods of increased dissipation, typically 2 – 5 seconds
duration. For the typical NE57811 application, the power dissipated
by the terminator can be calculated:
P
D + IDD(VTT)Watts
Eqn. (1)
The thermal resistance of a surface mount package is given as
Rth(j-a), the thermal resistance from the junction to air. JESD51-7
specifies a 4-layer multiplayer PCB (2oz/1oz/1oz/2oz copper) that is
4 inches on each side. This is probably the best (or lowest) thermal
resistance you will see in any application. Most applications cannot
afford the PCB area to create this situation, but the thermal
performance of a multilayer PCB will still provide a significant
heatsinking effect. The actual thermal resistance will be higher than
the 16.5
°C/W given for the 4-layer JEDEC PCB.
Figure 8 shows the thermal resistance you can expect for
heatsinking PCB areas less than the JEDEC specification. The
graph is for a 2 oz. single-sided PCB with a square area of the side
dimension as given on the X axis. If you use a double-sided PCB
with some plated-through holes to help transfer heat to the bottom
side, the thermal resistance only improves by about 3 – 4
°C/W.
After the power is estimated, the minimum PCB area can be
determined by calculating the worst case thermal resistance and
referring to Figure 8 to determine the PCB area. This is done by:
R
qJA(min) +
T
j * Tamb
P
D
Eqn. (2)
Where:
Tj is the maximum desired junction temperature
Tamb is the highest expected local ambient temperature
PD is the estimated average power
The junction temperature should be kept well away from the
over-temperature cutoff threshold temperature (+150
°C) in normal
operation.
Using the above power dissipation, the highest ambient temperature
and a junction temperature of +125
°C, calculate the maximum
thermal resistance (1.5 watts is used only as an example).
R
th(j–a)(min) +
125 o
C
* 70 oC
1.5
W
+ 36.6 oC W
Eqn. (3)
Looking at Figure 8, you see that this power dissipation requires a
minimum PCB island area of 225 mm2 (15 mm on each side). This
is the smallest area you could use at this power dissipation. Of
course, increasing this area will allow the NE57811 to operate at
cooler temperatures, thus enhancing its long-term reliability.
SL01670
LENGTH OF SIDE OF 2 oz. COPPER AREA (mm)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
20
40
60
80
100
Figure 8.
PCB heatsink area versus thermal resistance.
SL01678
VDD (V)
0.1
1
10
12
3
4
5
6
7
8
9 10
0.25 s
0.5 s
DC
Figure 9.
Safe operating area for the NE57811.


Similar Part No. - NE57811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57810 PHILIPS-NE57810 Datasheet
160Kb / 16P
   Advanced DDR memory termination power with external reference in
2003 Sep 12
NE57810 NXP-NE57810 Datasheet
95Kb / 16P
   Advanced DDR memory termination power with external reference voltage in
Rev. 04-24 November 2008
NE57810S PHILIPS-NE57810S Datasheet
160Kb / 16P
   Advanced DDR memory termination power with external reference in
2003 Sep 12
NE57810S NXP-NE57810S Datasheet
95Kb / 16P
   Advanced DDR memory termination power with external reference voltage in
Rev. 04-24 November 2008
NE57810TK NXP-NE57810TK Datasheet
285Kb / 18P
   Advanced DDR memory termination power with external reference voltage in
Rev.5-9 January2013
More results

Similar Description - NE57811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57810 PHILIPS-NE57810 Datasheet
160Kb / 16P
   Advanced DDR memory termination power with external reference in
2003 Sep 12
NE57810 NXP-NE57810 Datasheet
95Kb / 16P
   Advanced DDR memory termination power with external reference voltage in
Rev. 04-24 November 2008
NE57810TK NXP-NE57810TK Datasheet
285Kb / 18P
   Advanced DDR memory termination power with external reference voltage in
Rev.5-9 January2013
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR Memory Termination
logo
Maxim Integrated Produc...
MAX1809 MAXIM-MAX1809 Datasheet
803Kb / 17P
   3A, 1MHz, DDR Memory Termination Supply
19-2142; Rev 1; 9/02
logo
STMicroelectronics
PM8908 STMICROELECTRONICS-PM8908 Datasheet
381Kb / 28P
   Monolithic buck converter for DDR memory termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com