Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC33889 Datasheet(PDF) 24 Page - Motorola, Inc

Part # PC33889
Description  System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33889 Datasheet(HTML) 24 Page - Motorola, Inc

Back Button PC33889 Datasheet HTML 20Page - Motorola, Inc PC33889 Datasheet HTML 21Page - Motorola, Inc PC33889 Datasheet HTML 22Page - Motorola, Inc PC33889 Datasheet HTML 23Page - Motorola, Inc PC33889 Datasheet HTML 24Page - Motorola, Inc PC33889 Datasheet HTML 25Page - Motorola, Inc PC33889 Datasheet HTML 26Page - Motorola, Inc PC33889 Datasheet HTML 27Page - Motorola, Inc PC33889 Datasheet HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
PC33889
24
PC33889
By setting CEXT to 1 the transceiver cell supports sub bus communication.
note: if DFIS bit is set to 1, WUR register must be read before going into sleep or stop mode in order to clear the wake up flag.
During read out L0 must be at high level and should stay high when entering sleep or stop.
Status bits
comments:
CS2 bit at 0 = open failure. CS2 bit at 1 = short failure.
(CS3 bit at 0 and (CS1 = 1 or CS2 =1)) = CANH failure. CS3 bit at 1 = CANL failure.
CS1 and CS0 bits: short type failure coding (gnd, Vdd or Vbat).
In case of multiple failures, the last failure is reported.
7.2.4
IOR register
Some description.
CEXT
CCTR1
CCTR0
Mode
1
0
0
TermVBAT
10
1
TermVDD
11
0
RxOnly
11
1
RxTx
Table 7-6.
FDIS
L0 wake input filter (20us typical)
0
Enable (LO wake threshold selectable by WUR register)
1
Disable (L0 wake up threshold is low level only, no matter D0 and D1 bits set in WUR register).
CS3
CS2
CS1
CS0
Bus failure #
Description
0
0
0
0
no failure
0
0
0
1
1
CANH open wire
010
1
5
CANH short circuit to
ground
011
0
8, 3a
VDD
0
1
1
1
3
VBAT
1
0
0
1
2
CANL open wire
110
1
4, 7
CANL short circuit to
ground / CANL
111
0
9
VDD
1
1
1
1
6
VBAT
IOR
D3D2D1D0
$011b
W
HS1ON
GSLR1
GSLR0
R
SHIFT
HS1OT
V2LOW
VSUPLOW
Reset
00
0
Reset condition
POR, RESET
POR, RESET
POR, RESET
Table 7-7.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33889

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC33882EK FREESCALE-PC33882EK Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
PC33882R2 FREESCALE-PC33882R2 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
PC33887VW MOTOROLA-PC33887VW Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
PC33887VW/R2 MOTOROLA-PC33887VW/R2 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
PC33887VWR2 MOTOROLA-PC33887VWR2 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - PC33889

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com