Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC33889 Datasheet(PDF) 15 Page - Motorola, Inc

Part # PC33889
Description  System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33889 Datasheet(HTML) 15 Page - Motorola, Inc

Back Button PC33889 Datasheet HTML 11Page - Motorola, Inc PC33889 Datasheet HTML 12Page - Motorola, Inc PC33889 Datasheet HTML 13Page - Motorola, Inc PC33889 Datasheet HTML 14Page - Motorola, Inc PC33889 Datasheet HTML 15Page - Motorola, Inc PC33889 Datasheet HTML 16Page - Motorola, Inc PC33889 Datasheet HTML 17Page - Motorola, Inc PC33889 Datasheet HTML 18Page - Motorola, Inc PC33889 Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
PC33889
15
PC33889
Figure 5. Reset and Wdogb function diagram
The Wdogb output pin is a push pull structure than can drive external component of the application in order for instance to sig-
nal MCU wrong operation. Even if it is internally turned on (low sate) the reset pins can be forced to 5V at 25°C only, thanks to
its internal limited current drive capability. Wdogb stays low until the Watchdog register is properly addressed through SPI.
4.16
Debug mode Application hardware and software debug with the SBC.
When the SBC is mounted on the same printed circuit board as the micro controller it supplies, both application software and
SBC dedicated routine must be debugged. Following features allow the user to debug the software by allowing the possibility to
disable the SBC internal software watchdog timer.
4.16.1
Device power up, reset pin connected to Vdd1
At SBC power up, the Vdd1 voltage is provided, but if no SPI communication occurs to configure the device, a reset occurs
every 350ms. In order to allow software debug and avoid MCU reset the Reset pin can be connected directly to Vdd1 by a jumper.
4.16.2
Debug modes with software watchdog disabled though SPI (Normal Debug, Standby Debug and Stop Debug)
The software watchdog can be disabled through SPI. In order to avoid unwanted watchdog disable and to limit the risk of
disabling the watchdog during SBC normal operation the watchdog disable has to be done with the following sequence:
Step 1) Power down the SBC
Step 2) Power up the SBC (The BATFAIL bit is set, and the SBC enters normal request mode)
Step 3) Write to TIM1 register to allow SBC to enter Normal mode
Step 4) Write to MCR register with data 0000 (this enables the debug mode). (Complete SPI byte: 000 1 0000)
Step 5) Write to MCR register normal debug (0001 x101), standby debug (0001 x110) or Stop debug (0001 x111)
While in debug mode, the SBC can be used without having to clear the W/D on a regular basis to facilitate software and
hardware debug.
Step 6) To leave the debug mode, write 0000 to MCR register.
To avoid entering debug mode after a power up, first read BATFAIL bit (MCR read) and write 0000 into MCR.
The graph below illustrates the debug mode entering.
Figure 6. Debug mode enter
4.16.3
MCU flash programming configuration
In order to allow the possibility to download software into the application memory (MCU EEPROM or Flash) the SBC allows
the following capabilities: The Vdd1 can be forced by an external power supply to 5V and the reset and Wdogb outputs by
Reset
WDOGB
Vdd1
SPI
SPI CSB
Watchdog time out
Watchdog register addressed
Watchdog
period
W/D clear
VSup
SPI
MCR(step4)
Batfail
Vdd1
debug mode
MCR (step5)
SPI: read batfail
MCR (step6)
SBC in debug Mode, no W/D
SBC not in debug Mode and W/D on
TIM1(step 3)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33889

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC33882EK FREESCALE-PC33882EK Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
PC33882R2 FREESCALE-PC33882R2 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
PC33887VW MOTOROLA-PC33887VW Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
PC33887VW/R2 MOTOROLA-PC33887VW/R2 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
PC33887VWR2 MOTOROLA-PC33887VWR2 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - PC33889

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com