Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C346-35RMB Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C346-35RMB
Description  USE ULTRA37000TM FOR ALL NEW DESIGNS(128-Macrocell MAX EPLD)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C346-35RMB Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C346-35RMB Datasheet HTML 1Page - Cypress Semiconductor CY7C346-35RMB Datasheet HTML 2Page - Cypress Semiconductor CY7C346-35RMB Datasheet HTML 3Page - Cypress Semiconductor CY7C346-35RMB Datasheet HTML 4Page - Cypress Semiconductor CY7C346-35RMB Datasheet HTML 5Page - Cypress Semiconductor CY7C346-35RMB Datasheet HTML 6Page - Cypress Semiconductor CY7C346-35RMB Datasheet HTML 7Page - Cypress Semiconductor CY7C346-35RMB Datasheet HTML 8Page - Cypress Semiconductor CY7C346-35RMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
128-Macrocell MAX® EPLD
CY7C346
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-03005 Rev. *B
Revised April 19, 2004
Features
• 128 macrocells in eight logic array blocks (LABs)
• 20 dedicated inputs, up to 64 bidirectional I/O pins
• Programmable interconnect array
• 0.8-micron double-metal CMOS EPROM technology
• Available in 84-pin CLCC, PLCC, and 100-pin PGA,
PQFP
Functional Description
The CY7C346 is an Erasable Programmable Logic Device
(EPLD) in which CMOS EPROM cells are used to configure
logic functions within the device. The MAX® architecture is
100% user-configurable, allowing the device to accommodate
a variety of independent logic functions.
The 128 macrocells in the CY7C346 are divided into eight
LABs, 16 per LAB. There are 256 expander product terms, 32
per LAB, to be used and shared by the macrocells within each
LAB.
Each LAB is interconnected through the programmable inter-
connect array, allowing all signals to be routed throughout the
chip.
The speed and density of the CY7C346 allow it to be used in
a wide range of applications, from replacement of large
amounts of 7400-series TTL logic, to complex controllers and
multifunction chips. With greater than 25 times the functionality
of 20-pin PLDs, the CY7C346 allows the replacement of over
50 TTL devices. By replacing large amounts of logic, the
CY7C346 reduces board space, part count, and increases
system reliability.
MACROCELL 49
MACROCELL 50
MACROCELL 51
MACROCELL 52
MACROCELL 53
MACROCELL 54
MACROCELL 55
MACROCELL 56
MACROCELL 33
MACROCELL 34
MACROCELL 35
MACROCELL 36
MACROCELL 37
MACROCELL 38
MACROCELL 39
MACROCELL 40
MACROCELL 104
MACROCELL 103
MACROCELL 102
MACROCELL 101
MACROCELL 100
MACROCELL 99
MACROCELL 98
MACROCELL 97
MACROCELL 120
MACROCELL 119
MACROCELL 118
MACROCELL 117
MACROCELL 116
MACROCELL 115
MACROCELL 114
MACROCELL 113
MACROCELL 1
MACROCELL 2
MACROCELL 3
MACROCELL 4
MACROCELL 5
MACROCELL 6
MACROCELL 7
MACROCELL 8
MACROCELL 17
MACROCELL 18
MACROCELL 19
MACROCELL 20
MACROCELL 21
MACROCELL 22
MACROCELL 23
MACROCELL 24
Logic Block Diagram
MACROCELL 88
MACROCELL 87
MACROCELL 86
MACROCELL 85
MACROCELL 84
MACROCELL 83
MACROCELL 82
MACROCELL 81
MACROCELL 121–128
MACROCELL 105–112
MACROCELL 86–96
MACROCELL 41–48
MACROCELL 25–32
MACROCELL 9–16
SYSTEM CLOCK
P
I
A
INPUT [59] (N4)
36
.
INPUT [60] (M5)
37
.
INPUT [61] (N5)
38
.
INPUT [64] (N6)
41
.
INPUT [65] (M7)
42
.
INPUT [66]
(L7)
43
.
INPUT [67] (N7)
44
.
INPUT [70]
(L8)
47
.
INPUT [71] (N9)
48
.
INPUT [72] (M9)
49
.
[100] (C13) NC
[99] (D12) NC
[98] (D13) 77
[97] (E12) 76
[96] (E13) 75
[95] (F11) 74
[92] (G13) 73
[91] (G11) 72
[90] (G12) NC
[89] (H13) NC
[86] (J13) 71
[85] (J12) 70
[84] (K13) 69
[83] (K12) 68
[82] (L13) 67
[81] (L12) 64
[80] (M13) NC
[79] (M12) NC
[78] (N13) 63
[77] (M11) 60
[76] (N12) 59
[75] (N11) 58
[74] (M10) 57
[73] (N10) 56
[58] (M4) NC
[57] (N3) NC
[56] (M3) 55
[55] (N2) 54
[54] (M2) 53
[53] (N1) 52
[52] (L2) 51
[51] (M1) 50
8 (B13)
[1]
9(C12)
[2]
10 (A13) [3]
11 (B12) [4]
12 (A12) [5]
13 (11)
[6]
NC (A11) [7]
NC (B10) [8]
14 (A4) [23]
15 (B4) [24]
16 (A3) [25]
17 (A2) [26]
18 (B3) [27]
21 (A1) [28]
NC (B2) [29]
NC (B1) [30]
22 (C2) [31]
25 (C1) [32]
26 (D2) [33]
27 (D1) [34]
28 (E2) [35]
29 (E1) [36]
NC (F1) [39]
NC (G2) [40]
30 (G3) [41]
31 (G1) [42]
32 (H3) [45]
33 (J1) [46]
34 (J2) [47]
35 (K1) [48]
NC (K2) [49]
NC (L1) [50]
LAB H
LAB G
LAB F
LAB E
LAB A
LAB B
LAB C
LAB D
3, 20, 37, 54 (A6,B6,F12,F13,H1,H2,M8,N8)
[18, 19, 43, 44, 68, 69, 93, 94]
16, 33, 50, 67 (B8,C8,F2,F3,H11,H12,L6,M6)
[12, 13, 37, 38, 62, 63, 87, 88]
VCC
GND
() – PERTAIN TO 100-PIN PGA PACKAGE
1 (C7) [16]
INPUT/CLK
..
78 (A10) [9]
INPUT
.
.....
79 (B9) [10]
INPUT
.
.....
80 (A9) [11]
INPUT
.....
83 (A8) [14]
INPUT
.
.....
84 (B7) [15]
INPUT
.
.....
2 (A7) [17]
INPUT
..
.....
5 (C6) [20]
INPUT
..
.....
6 (A5) [21]
INPUT
..
.....
7 (B5) [22]
INPUT
..
.....
MACROCELL 73– 80
MACROCELL 72
MACROCELL 71
MACROCELL 70
MACROCELL 69
MACROCELL 68
MACROCELL 67
MACROCELL 66
MACROCELL 65
MACROCELL 57– 64
[ ] – PERTAIN TO 100-PIN PQFP PACKAGE
.


Similar Part No. - CY7C346-35RMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C346(B) CYPRESS-CY7C346(B) Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
CY7C346B CYPRESS-CY7C346B Datasheet
282Kb / 16P
   128-Macrocell MAX EPLD
CY7C346B CYPRESS-CY7C346B Datasheet
426Kb / 15P
   USE ULTRA37000 FOR ALL NEW DESIGNS
CY7C346B-25HC/HI CYPRESS-CY7C346B-25HC/HI Datasheet
426Kb / 15P
   USE ULTRA37000 FOR ALL NEW DESIGNS
CY7C346B-25HCHI CYPRESS-CY7C346B-25HCHI Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
More results

Similar Description - CY7C346-35RMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C346B CYPRESS-CY7C346B Datasheet
282Kb / 16P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C346B CYPRESS-CY7C346B_04 Datasheet
426Kb / 15P
   USE ULTRA37000 FOR ALL NEW DESIGNS
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B Datasheet
173Kb / 12P
   64-Macrocell MAX EPLD
CY7C343 CYPRESS-CY7C343 Datasheet
214Kb / 19P
   64-Macrocell MAX EPLD
CY7C342B CYPRESS-CY7C342B Datasheet
350Kb / 14P
   128-Macrocell MAX EPLDs
logo
Lattice Semiconductor
PALCE610 LATTICE-PALCE610 Datasheet
287Kb / 14P
   USE GAL DEVICES FOR NEW DESIGNS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com