Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TLP598G Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TLP598G
Description  Photo-MOS FET in a Six Lead Plastic DIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TLP598G
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.2
1.4
1.7
V
Reverse current
IR
VR = 3 V
10
µA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Off
-state current
IOFF
VOFF = 400 V
1
µA
Capacitance
COFF
V = 0, f = 1 MHz
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
ION = 150 mA
1
5
mA
A connection
ION = 150 mA, IF = 10 mA
8
12
B connection
ION = 200 mA, IF = 10 mA
4
6
On
-state
resistance
C connection
RON
ION = 300 mA, IF = 10 mA
2
3
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5
´ 10
10
10
14
AC, 1 minute
2500
AC, 1 second (in oil)
5000
Vrms
Isolation voltage
BVS
DC, 1 minute (in oil)
5000
VDC
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
-on time
tON
0.3
1.0
Turn
-off time
tOFF
VDD = 20 V, RL = 200 Ω
IF = 10 mA
(Note 3)
0.2
1.0
ms
(Note 3): Switching time test circuit
2
6
1
VDD
VOUT
RL
4
IF
tOFF
tON
10%
90%
VOUT
IF




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
H10G10 Lead 0.230 Diameter P.C. TO-5 Metal Can Package 1 National Semiconductor (TI)
NE34018GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER New Plastic Package 1 2 3 4 5 MoreCalifornia Eastern Labs
OCP-PCP116SIX PIN DIP SINGLE CHANNEL PHOTO IC PHOTOCOUPLER 1 List of Unclassifed Manufacturers
NE38018_00GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER New Plastic Package 1 2 3 4 5 MoreNEC
PS7141-1A6-PIN DIP 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET 1 2 3 4 5 MoreCalifornia Eastern Labs
1SMF16BT1Zener Transient Voltage Suppressor SOD-123 Flat Lead Package 1 2 3 4 ON Semiconductor
PS7141-1B6 8-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch 2-ch Optical Coupled MOS FET 1 2 3 4 5 MoreCalifornia Eastern Labs
PS7141-2A8-PIN DIP 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET 1 2 3 4 5 MoreCalifornia Eastern Labs
SDX005IND4Compensated pressure sensors in DIP package 1 2 3 4 List of Unclassifed Manufacturers
C1379Standard 4-Pin DIP Package Half Size 1 2 3 Vectron International, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl