Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TLP598G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP598G
Description  Photo-MOS FET in a Six Lead Plastic DIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TLP598G
2002-09-25
1
TOSHIBA Photocoupler Photo Relay
TLP598G
Telecommunication
Data Acquisition
Measurement Instrumentation
The TOSHIBA TLP598G consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo−MOS FET in a six
lead plastic DIP package (DIP6).
The TLP598G is a bi-directional switch which can replace mechanical
relays in many applications.
· Peak off−state voltage: 400 V (min.)
· On−state current: 150 mA (max.) (A connection)
· On−state resistance: 12 Ω (max.) (A connection)
· Isolation voltage: 2500 Vrms (min.) (A connection)
· UL recognized: UL1577, file no. E67349
· Trigger LED current (Ta = 25°C)
Trigger LED Current
(mA)
@ION = 150 mA
Classification
(Note 1)
Min.
Max.
Marking Of
Classification
(IFT2)
2
T2
Standard
5
T2, blank
(Note 1): Application type name for certification test,
please use standard product type name, i.e.
TLP598G (IFT2): TLP598G
Unit in mm
TOSHIBA
11−9A1
Weight: 0.49 g
Pin Configuration (top view)
1. : ANODE
2. : CATHODE
3. : NC
4. : DRAIN D1
5. : SOURCE
6. : DRAIN D2
1
3
6
4
2
5
Schematic
2
1
6
5
4




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
H10G10 Lead 0.230 Diameter P.C. TO-5 Metal Can Package 1 National Semiconductor (TI)
NE34018GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER New Plastic Package 1 2 3 4 5 MoreCalifornia Eastern Labs
OCP-PCP116SIX PIN DIP SINGLE CHANNEL PHOTO IC PHOTOCOUPLER 1 List of Unclassifed Manufacturers
NE38018_00GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER New Plastic Package 1 2 3 4 5 MoreNEC
PS7141-1A6-PIN DIP 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET 1 2 3 4 5 MoreCalifornia Eastern Labs
1SMF16BT1Zener Transient Voltage Suppressor SOD-123 Flat Lead Package 1 2 3 4 ON Semiconductor
PS7141-1B6 8-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch 2-ch Optical Coupled MOS FET 1 2 3 4 5 MoreCalifornia Eastern Labs
PS7141-2A8-PIN DIP 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET 1 2 3 4 5 MoreCalifornia Eastern Labs
SDX005IND4Compensated pressure sensors in DIP package 1 2 3 4 List of Unclassifed Manufacturers
C1379Standard 4-Pin DIP Package Half Size 1 2 3 Vectron International, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl