Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TLP598G Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP598G
Description  Photo-MOS FET in a Six Lead Plastic DIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 5 page
background image
TLP598G
2002-09-25
5
ION – IF (A Connection)
Input current IF (mA)
0
0
160
80
40
2
4
6
8
10
12
120
200
Ta = 25°C
VON = 1.2V
1.0V
0.8V
0.6V
0.4V
0.2V
VON – IF (A Connection)
Input current IF (mA)
2.0
0
1.2
1.6
2
4
6
10
12
8
0
0.8
0.4
Ta = 25°C
ION = 150mA
100mA
50mA
ION – VON (A Connection)
On-state voltage VON (V)
200
0
0
0.4
0.8
1.2
2.0
2.4
160
120
80
40
1.6
Ta = 25°C
IF = 5mA
tON – IF
Input current IF (mA)
2000
30
1
100
1000
500
300
100
50
3
5
10
30
50
VCC = 20 V
RL = 200 Ω
Ta = 25°C
tOFF – IF
Input current IF (mA)
280
1
100
50
30
10
3
5
240
200
160
120
80
VCC = 20 V
RL = 200 Ω
Ta = 25°C




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
H10G10 Lead 0.230 Diameter P.C. TO-5 Metal Can Package 1 National Semiconductor (TI)
NE34018GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER New Plastic Package 1 2 3 4 5 MoreCalifornia Eastern Labs
OCP-PCP116SIX PIN DIP SINGLE CHANNEL PHOTO IC PHOTOCOUPLER 1 List of Unclassifed Manufacturers
NE38018_00GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER New Plastic Package 1 2 3 4 5 MoreNEC
PS7141-1A6-PIN DIP 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET 1 2 3 4 5 MoreCalifornia Eastern Labs
1SMF16BT1Zener Transient Voltage Suppressor SOD-123 Flat Lead Package 1 2 3 4 ON Semiconductor
PS7141-1B6 8-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch 2-ch Optical Coupled MOS FET 1 2 3 4 5 MoreCalifornia Eastern Labs
PS7141-2A8-PIN DIP 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET 1 2 3 4 5 MoreCalifornia Eastern Labs
SDX005IND4Compensated pressure sensors in DIP package 1 2 3 4 List of Unclassifed Manufacturers
C1379Standard 4-Pin DIP Package Half Size 1 2 3 Vectron International, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl