Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2105S Datasheet(PDF) 8 Page - International Rectifier

Part # IR2105S
Description  High Voltage, High Speed Power MOSFET and IGBT Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2105S Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2105S Datasheet HTML 4Page - International Rectifier IR2105S Datasheet HTML 5Page - International Rectifier IR2105S Datasheet HTML 6Page - International Rectifier IR2105S Datasheet HTML 7Page - International Rectifier IR2105S Datasheet HTML 8Page - International Rectifier IR2105S Datasheet HTML 9Page - International Rectifier IR2105S Datasheet HTML 10Page - International Rectifier IR2105S Datasheet HTML 11Page - International Rectifier IR2105S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
IR2105
www.irf.com
Figure 10A. Turn Off Fall Time
vs Temperature
Figure 10B. Turn Off Fall Time vs Voltage
Temperature (
oC)
Temperature (
oC)
VBIAS Supply Voltage (V)
Figure 11B. Deadtime vs Voltage
Figure 11A. Deadtime vs Temperature
0
1
2
3
4
5
6
7
8
- 50
- 25
0
25
50
75
100
125
Min.
Temperature (
oC)
0
1
2
3
4
5
6
7
8
10
12
14
16
18
20
Min.
VBIAS Supply Voltage (V)
Figure12A. Logic "1" (HO) & Logic "0" (LO)
Input Voltage vs Temperature
Figure 12B. Logic "1" (HO) & Logic "0" (LO)
Input Voltage vs Voltage
0
50
100
150
200
-50
-25
0
25
50
75
100
125
Max.
Typ.
Temperature (
oC)
0
50
100
150
200
10
12
14
16
18
20
Max.
Typ.
VBIAS Supply Voltage (V)
0
200
400
600
800
100 0
120 0
140 0
10
12
14
16
18
20
Ma x .
Ty p .
Min .
0
200
400
600
800
100 0
120 0
140 0
-5 0
-2 5
0
25
50
75
100
125
Max .
Ty
Min.
p.


Similar Part No. - IR2105S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2101 IRF-IR2101 Datasheet
396Kb / 6P
   HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
138Kb / 13P
   HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
144Kb / 14P
   HIGH AND LOW SIDE DRIVER Product Summary
IR2101 IRF-IR2101 Datasheet
144Kb / 14P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2105S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
IX2127 CLARE-IX2127_11 Datasheet
1Mb / 12P
   High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IXSH35N120A IXYS-IXSH35N120A Datasheet
64Kb / 4P
   High Voltage, High speed IGBT
logo
AiT Semiconductor Inc.
AG2113 AITSEMI-AG2113 Datasheet
888Kb / 16P
   MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
AG2101 AITSEMI-AG2101 Datasheet
585Kb / 8P
   MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com