Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3808-70-T Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM3808-70-T
Description  256Kb Bytewide FRAM w/ Real-Time Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3808-70-T Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM3808-70-T Datasheet HTML 4Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 5Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 6Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 7Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 8Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 9Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 10Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 11Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
FM3808
Rev 1.1
May 2003
Page 8 of 28
32.768 kHz
crystal
Oscillator
Clock
Divider
Update
Logic
32 Hz
512 Hz
W
R
Seconds
7 bits
Minutes
7 bits
Hours
6 bits
Date
6 bits
Months
5 bits
Years
8 bits
CF
Days
3 bits
User Interface Registers
1 Hz
Figure 2. Real-Time Clock Core Block Diagram
Calibration
When the CAL bit in register 7FF0h is set to 1, the
clock enters calibration mode. Interrupts are disabled
in CAL mode. Calibration operates by applying a
digital correction to the counter based on the
frequency error. In CAL mode, the INT pin is driven
with a 512 Hz nominal square wave. Any measured
deviation from 512 Hz is converted into an error in
ppm. This error corresponds to a correction value that
must then be written by the user into the calibration
register 7FF8h. The correction factors are listed in the
Table 2.
Positive ppm errors require a negative adjustment that
removes pulses. Negative ppm errors require a
positive correction that adds pulses. Positive ppm
adjustments have the CALS bit set to 1, where as
negative ppm adjustments have CALS = 0. After
calibration, the clock will have a maximum error of
± 4.34 ppm or ± 0.19 minutes per month at the
calibrated temperature.
The calibration setting is nonvolatile and is stored in
7FF8h (bits D4-D0). This value only can be written
when the CAL bit is set to a 1. To exit calibration
mode, the user must clear the CAL bit to a 0.
When the calibration mode is entered, the user can
measure the frequency error on the INT pin. This
error expressed in ppm translates directly into
timekeeping
error.
An
offsetting
calibration
adjustment
corrects
this
error.
However,
the
correction is applied by adding or removing pulses on
a periodic basis. Therefore, the correction will not
appear on the 512 Hz output. The calibration
correction must be applied using the values shown in
Table 2. The timekeeping accuracy can be verified by
comparing the FM3808 time to a reference source.


Similar Part No. - FM3808-70-T

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3808-70-T RAMTRON-FM3808-70-T Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
More results

Similar Description - FM3808-70-T

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com