Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3808 Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # FM3808
Description  256Kb Bytewide FRAM w/ Real-Time Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3808 Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button FM3808 Datasheet HTML 3Page - Ramtron International Corporation FM3808 Datasheet HTML 4Page - Ramtron International Corporation FM3808 Datasheet HTML 5Page - Ramtron International Corporation FM3808 Datasheet HTML 6Page - Ramtron International Corporation FM3808 Datasheet HTML 7Page - Ramtron International Corporation FM3808 Datasheet HTML 8Page - Ramtron International Corporation FM3808 Datasheet HTML 9Page - Ramtron International Corporation FM3808 Datasheet HTML 10Page - Ramtron International Corporation FM3808 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
FM3808
Rev 1.1
May 2003
Page 7 of 28
Real-Time Clock Operation
The real-time clock (RTC) consists of an oscillator, a
clock divider, and a register system to access the
information. It divides down the 32.768 kHz time-
base to provide the user timekeeping resolution of
one second (1Hz). The RTC will not run until the
oscillator is enabled. The ocillator enable bit is bit 7
of register 7FF8h and is automatically set to a one
(disabled) when the device powers up without a
backup supply.
Static registers provide the user with read/write
access to the time values. The synchronization of
these registers with the timekeeper core is performed
using R and W bits in register 7FF0h. Setting the R
bit from 0 to 1 causes a transfer of the timekeeping
information to holding registers that can be read by
the user. If a timekeeper update is in progress when
the R is set, the update will be completed prior to
loading the registers. Another update cannot be
performed unless the R bit is first cleared to 0 again.
Setting the W bit causes the timekeeper to freeze
updates. Clearing it to 0 causes the values in the time
registers to be written into the timekeeper core. Users
should be sure not to load invalid values, such as FFh
to any of the timekeeping registers.
Updates to the timekeeping core occur continuously
except when frozen. A diagram of the timekeeping
core is shown below.
Backup Power
The
real-time
clock/calendar
is
intended
for
permanently
powered
operation.
When
primary
system power fails, the VDD voltage will drop. When
it crosses the voltage on the VBAK supply pin, the
clock/calendar power will switch to the backup power
supply VBAK. The supervisor function, described
below, controls the switchover process as part of a
more complete power management circuit.
The clock uses very little current, which maximizes
battery life. Although a backup battery may be used
with the FM3808, the key advantage to combining a
clock function with FRAM is that the configuration
data (shaded regsiter bits in Table 2) is nonvolatile
and does not require a battery backup power source.
Therefore, it is more practical to use a capacitor as a
backup
energy
source
than
a
battery-backed
RAM/clock combo. With the FM3808, the user has
the choice of using a battery or a capacitor as the
backup source. Some of the considerations in the
backup
source
decision include: The expected
duration of power outages, the difficulty of resetting
the time if lost, and the cost tradeoff of using a small
battery versus a capacitor.
The following functions are powered from the backup
power source when VDD < VBAK (backup mode) :
• Clock/calendar core
• Alarm interrupt/comparator
• INT pin (determined by ABE & AIE bits);
active low only
• Flags connected to related functions
The following functions are not powered and are
disabled when VDD < VLO :
• User interface
• Watchdog timer
• Power monitor & band-gap (V
DD < ≈ 2.0V)
• Flags connected to related functions
• All FRAM access & updates
• Calibration operation
• INT pin if programmed as active-high


Similar Part No. - FM3808

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3808-70-T RAMTRON-FM3808-70-T Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808DK RAMTRON-FM3808DK Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
More results

Similar Description - FM3808

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com