Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7609F Datasheet(PDF) 1 Page - Rohm

Part # BA7609F
Description  Video signal switcher
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7609F Datasheet(HTML) 1 Page - Rohm

  BA7609F Datasheet HTML 1Page - Rohm BA7609F Datasheet HTML 2Page - Rohm BA7609F Datasheet HTML 3Page - Rohm BA7609F Datasheet HTML 4Page - Rohm BA7609F Datasheet HTML 5Page - Rohm BA7609F Datasheet HTML 6Page - Rohm BA7609F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1) Three 2-input / 1-output switches (one with sync-
clamped inputs, the other two non-clamped).
2) 5V power supply.
3) Low power consumption (62.5mW Typ.).
4) Excellent frequency characteristics
(10MHz, 0dB Typ.).
5) Wide dynamic range (clamped input: 2.9VP-P Typ.,
non-clamped input: 3.0VP-P, Typ.).
6) Fast switching speed (50ns Typ.).
1
Multimedia ICs
Video signal switcher
BA7609 / BA7609F
The BA7609 and BA7609F are switching ICs developed for use in VCRs. Each contains three two-channel analog
multiplexers. As one of the switches has sync-tip clamp inputs and the other two have non-clamped inputs these ICs
are ideal for switching audio, video and chroma signals.
Applications
Video cassette recorders and televisions
Features
Block diagram
1
IN2a
2
CTLa
3
OUTa
4
GND
5
OUTb
6
OUTc
7
CTLc
8
IN2c
16
IN1a
15
GND
14
IN2b
13
VCC
Sa
Sb
12
CTLb
11
IN1b
10
GND
9
IN1c
SC
CTL
L
IN2
H
IN1
Output
Sa, Sb: non-clamped input
Sc: clamped input


Similar Part No. - BA7609F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7609F ROHM-BA7609F Datasheet
155Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
BA7609F ROHM-BA7609F Datasheet
883Kb / 9P
   Triple Circuits Video Signal Switchers
BA7609F ROHM-BA7609F Datasheet
160Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
More results

Similar Description - BA7609F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com