Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RACD150-36-PSE Datasheet(PDF) 2 Page - Recom International Power

Part # RACD150-36-PSE
Description  150 Watt Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD150-36-PSE Datasheet(HTML) 2 Page - Recom International Power

  RACD150-36-PSE Datasheet HTML 1Page - Recom International Power RACD150-36-PSE Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curves
RACD150-PSE
Series
LIGHTLINE
AC/DC-Converter
-20
10
030
50
70
20%
40%
60%
80%
100%
Load
Ambient Temperature (°C)
90
130
100
20%
40%
60%
80%
100%
Load
Input Voltage (VAC) 47-63Hz
Ta=25°C
70%
Typical Characteristics
Package Style and Pinning
222.0
199.2
11.4
7.0
8.9
8.9
34.2
300±20
AC/L (White)
AC/N (Black)
EARTH/PE (Green/Yellow)
68.0
300±20
+V(Red)
-V(Black)
39.0
34.0
99.6
Tc
35±5
10±3
35±5
10±3
Top View
Side View
PSEVCTF 1.25/3C
PSEVCTF 2.00/2C
Constant Voltage / Constant Current Curve
Vout (max.)
0
20
40
60
80
100
120
Vout (min.)
~0.5V (max.)
Output Current (%)
Specifications
PSE Certification
J61347-1(H20), J61347-2-13(H21), J55015(H20)
Dimension
222*68*39mm
Weight
1080g
MTBF
using MIL-HDBK-217F (25°C)
200 x 10³ hours
Design Lifetime
70 x 10³ hours
The use of a circuit breaker with C-characteristic is recommended.
www.recom-power.com
L-69
REV: 0/2015
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Maximum Number of LED drivers per circuit breakers
Condition
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
115VAC, 1Ohm
90° phase angle
C
5
8
9
12


Similar Part No. - RACD150-36-PSE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD150-36-ENEC RECOM-RACD150-36-ENEC Datasheet
126Kb / 2P
   Universal AC Input
More results

Similar Description - RACD150-36-PSE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
TLP150N-99S12J ARTESYN-TLP150N-99S12J Datasheet
673Kb / 4P
   Single Output 150 Watt
logo
Recom International Pow...
RACG150-S RECOM-RACG150-S Datasheet
449Kb / 4P
   150 Watt Single Output
RACD150 RECOM-RACD150 Datasheet
103Kb / 2P
   150 Watt Single Output
RACD150-A RECOM-RACD150-A Datasheet
116Kb / 2P
   150 Watt Single Output
logo
Artesyn Technologies
LCB150E ARTESYN-LCB150E Datasheet
481Kb / 3P
   150 Watt Single Output Power Supply
logo
Recom International Pow...
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
   150 Watt Enclosed Case Style Single Output
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
   150 Watt Enclosed Case Style Single Output
logo
SL Power Electronics
GLD150 SLPOWER-GLD150 Datasheet
242Kb / 2P
   150 Watt Multiple Output
logo
Wall Industries,Inc.
PSS150 WALL-PSS150 Datasheet
153Kb / 3P
   150 Watt Single Output AC/DC Power Supply
DCSD-150 WALL-DCSD-150 Datasheet
176Kb / 3P
   150 Watt Single Output Chassis Mount DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com