Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

448UE3502BBN Datasheet(PDF) 1 Page - CTS Corporation

Part # 448UE3502BBN
Description  Commercial Linear Motion Carbon Composition Slide Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

448UE3502BBN Datasheet(HTML) 1 Page - CTS Corporation

  448UE3502BBN Datasheet HTML 1Page - CTS Corporation 448UE3502BBN Datasheet HTML 2Page - CTS Corporation 448UE3502BBN Datasheet HTML 3Page - CTS Corporation 448UE3502BBN Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Commercial
Linear Motion
Carbon Composition
Features
• Innovative AC power switch (SPST, SPDT)
• 10-60mm slider travel
• Center detent available
• Single or dual element designs
• Economical
• Wide resistance range
• Slim construction
Electrical and Mechanical Specifications
Resistance Range
500 ohms through 1 megohms, linear
Resistance Tolerance
±20%, ±10%
Insulation Resistance
10 Megohms minimum at 250 VDC
Consult CTS for audio taper
Power Rating, watts
Power Switch (optional)
SPST - 10,000 cycles carrying 1,000 watts 120 VAC
(Tungsten-filament)
SPDT - 10,000 cycles carrying 600 watts 120 VAC
(Tungsten-filament)
Slide Travel
X and U Style: 10, 15, 20, 30, 45, and 60mm
V Style: 10, 15, 25, 40, and 55mm
Potentiometer with switch:
20mm = 17mm electrical + 3mm switch
30mm = 27mm electrical + 3mm switch (SPST only)
Operating Force
Potentiometer : 20-150 g
Switch
: 100-500 g
Stop Strength
3K gf maximum, measured at base of slider
Operating Life
Linear
0.05w
0.1w
0.2w
0.25w
0.5w
Non-linear
0.025w
0.05w
0.1w
0.15w
0.25w
10mm
15mm
30mm
45mm
60mm
Taper
20mm
Maxium Operating Voltage
Linear
100VDC
150VDC
Non-linear
50VDC
10mm
15mm
30mm
45mm
60mm
Taper
20mm
200VDC
50VDC
150VDC
250VDC
300VDC
500VDC
200VDC
250VDC
300VDC
• RoHS Compliant
1 - 4
CTS Electrocomponents
www.ctscorp.com
Patent No.: US: 5,959,525 , Taiwan: 204502.
07/29/15
© 2015 CTS Corporation. All rights reserved. Information subject to change.
®
Electrocomponents
Series 448 Data Sheet
Slide Potentiometer
Slide Potentiometer
±30%,
Potentiometer without switch:
Standard : 10,000 cycles
Special
: 100,000 , 250,000 cycles


Similar Part No. - 448UE3502BBN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448UE3501AAC CTS-448UE3501AAC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448UE3501AAN CTS-448UE3501AAN Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448UE3501ADC CTS-448UE3501ADC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448UE3501ADN CTS-448UE3501ADN Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448UE3501BAC CTS-448UE3501BAC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
More results

Similar Description - 448UE3502BBN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
448 CTS-448 Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
442 CTS-442 Datasheet
292Kb / 2P
   Linear Motion 1/4 Watt Composition Slide Controls
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Bourns Electronic Solut...
3048 BOURNS-3048 Datasheet
76Kb / 1P
   Linear Motion Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com