Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RACD45-700A Datasheet(PDF) 1 Page - Recom International Power

Part # RACD45-700A
Description  45 Watt PFC Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD45-700A Datasheet(HTML) 1 Page - Recom International Power

  RACD45-700A Datasheet HTML 1Page - Recom International Power RACD45-700A Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RACD45-A
RoHS
2011/65/EU
6/6
LIGHTLINE
AC/DC-Converter
with 5 year Warranty
45 Watt PFC
Single
Output
Selection Guide
Input Voltage Range
90-305 VAC
Input Frequency Range
47-63Hz
Power Factor (Full Load)
120VAC
>0.98
240VAC
>0.93
277VAC
>0.90
THD
Full Load, 115VAC
13% max.
Full Load, 230VAC
19% max.
DC Dimming
Open = 100%
DC 1-10V
PWM Dimming
Open = 100%
Duty 10% - 100%
Freq.
500Hz - 3000Hz
Voltage
Hi=10V, Low=0V
Resistance Dimming
10K - 100K
Ω
Current Accuracy
±5%
AC Input Current
100-240VAC
0.6A
277VAC
0.25A
Inrush Current (Cold Start)
240VAC
70A
Leakage Current
<0.5mA / 240VAC
Start-up Time (at Full Load)
<2sec
Isolation Voltage
3.75kVAC / 1 minute
Short Circuit Protection
Hiccup
Over Voltage Protection
24V
26.4 - 31.2V
36V
39.6 - 46.8V
48V
52.8 - 62.4 V
57V
62.7 - 70V
Over Temperature Protection
Latch Mode
105 ± 10°C
Vibration
10-500Hz, 2G, 60Min. along X, Y and Z
Storage Humidity
10% - 90% RH
Operating Humidity
20% - 90% RH Non-Condensing
Weight
420g
Operating Temperature
-30°C to +50°C
Storage Temperature
-40°C to +60°C
Ripple & Noise
24V
200mV
(at 20MHz bandwith using 0.1uF & 47uF capacitor)
all others
250mV
IP Rating
IP67
Isolation Resistance
100M
Ω / 500VDC at 25°C
Dimension (L*W*H)
179*45.1*32.5mm
continued on next page
Specifications (measured at 230VAC and 25°C ambient temperature)
Constant Current Operation
Suitable for High Brightness LED Products
Built-In Active PFC Function
Overvoltage-, Short Circuit- and Over-
temperature Protection
Built-In 3 in 1 Dimming
IP67 Rated
Class 2 Power Unit UL1310
Features
LED DRIVER
Part
Output
Rated
Rated
Output
Efficiency
Number
Voltage
Power
Current
Voltage Range
(VDC)
(W)
(mA)
(V)
(typ.)
RACD45-700A
57
40
70 - 700
40 - 57
87%
RACD45-1050A
48
48
105 - 1050
33 - 48
87%
RACD45-1250A
36
45
125 - 1250
24 - 36
86%
RACD45-1850A
24
45
185 - 1850
15 - 24
85%
EN 61347-1 Certified
EN 61347-2-13 Certified
UL8750 Certified
100%
20%
40%
60%
75%
-30
0
20
65
50
Ambient Temperature (°C)
Load
90%
E340696
Refer to Application Notes
Derating-Graph
(Ambient Temperature)
Note:
All LED Drivers may not be used without a load.
They must be switched on the primary side only.
Noncompliance may damage the LED or reduce
its lifetime.
L-48
www.recom-power.com
REV: 0/2015


Similar Part No. - RACD45-700A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD03 RECOM-RACD03 Datasheet
93Kb / 2P
   3W Class II AC-DC LED Power Supply
RACD03-350 RECOM-RACD03-350 Datasheet
93Kb / 2P
   3W Class II AC-DC LED Power Supply
RACD03-350-PSE RECOM-RACD03-350-PSE Datasheet
809Kb / 4P
   3 Watt CC/CV Single Output
RACD03-500 RECOM-RACD03-500 Datasheet
93Kb / 2P
   3W Class II AC-DC LED Power Supply
RACD03-500-PSE RECOM-RACD03-500-PSE Datasheet
809Kb / 4P
   3 Watt CC/CV Single Output
More results

Similar Description - RACD45-700A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD20 RECOM-RACD20 Datasheet
86Kb / 2P
   20 Watt PFC Single Output
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
RACD12 RECOM-RACD12 Datasheet
90Kb / 2P
   12 Watt PFC Single Output
RACD60 RECOM-RACD60_11 Datasheet
148Kb / 4P
   60 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
   60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
   60 Watt PFC Single Output
RACD35-A RECOM-RACD35-A Datasheet
114Kb / 2P
   35 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
   20 Watt PFC Single Output
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
   25 Watt PFC Single Output
logo
Wall Industries,Inc.
PS800 WALL-PS800 Datasheet
156Kb / 4P
   800 Watt Single Output PFC and Current Sharing PFC and Current Sharing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com