Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA317MR Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA317MR
Description  3-Terminal 0.5A Positive Adjustable Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA317MR Datasheet(HTML) 6 Page - Fairchild Semiconductor

  KA317MR Datasheet HTML 1Page - Fairchild Semiconductor KA317MR Datasheet HTML 2Page - Fairchild Semiconductor KA317MR Datasheet HTML 3Page - Fairchild Semiconductor KA317MR Datasheet HTML 4Page - Fairchild Semiconductor KA317MR Datasheet HTML 5Page - Fairchild Semiconductor KA317MR Datasheet HTML 6Page - Fairchild Semiconductor KA317MR Datasheet HTML 7Page - Fairchild Semiconductor KA317MR Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
KA317M
6
Mechanical Dimensions
Package
Dimensions in millimeters
4.50
±0.20
9.90
±0.20
1.52
±0.10
0.80
±0.10
2.40
±0.20
10.00
±0.20
1.27
±0.10
ø3.60
±0.10
(8.70)
1.30
+0.10
–0.05
0.50
+0.10
–0.05
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
TO-220


Similar Part No. - KA317MR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA317 FAIRCHILD-KA317 Datasheet
67Kb / 6P
   Adjustable Voltage Regulator (Positive)
KA317 FAIRCHILD-KA317 Datasheet
36Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
KA317 FAIRCHILD-KA317 Datasheet
49Kb / 8P
   3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317 Datasheet
106Kb / 6P
   3-Terminal Positive Adjustable Regulator
KA317AHV FAIRCHILD-KA317AHV Datasheet
47Kb / 6P
   3-Terminal Positive Adjustable Regulator
More results

Similar Description - KA317MR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM317M UTC-LM317M Datasheet
355Kb / 6P
   3-TERMINAL 0.5A POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
LM317M FAIRCHILD-LM317M Datasheet
224Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
LM317M FAIRCHILD-LM317M_11 Datasheet
247Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com