Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFWE4K0356K Datasheet(PDF) 3 Page - AVX Corporation

Part # FFWE4K0356K
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFWE4K0356K Datasheet(HTML) 3 Page - AVX Corporation

  FFWE4K0356K Datasheet HTML 1Page - AVX Corporation FFWE4K0356K Datasheet HTML 2Page - AVX Corporation FFWE4K0356K Datasheet HTML 3Page - AVX Corporation FFWE4K0356K Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
26
JUNE 2015
Medium Power Film Capacitors
FFVE/FFVI (FFWE/FFWI RoHS Compliant)
Working temperature
-40°C to +105°C (according to the power to be dissipated)
Capacitance range
12μF to 220μF
Capacitance tolerance
±10%
Rated DC voltage
600 to 1900 V
Test voltage between terminals @ 25°C
1.5 x Vndc 10s
Insulation voltage between
shorted terminals and earth
7 kVrms/60sec/50Hz
Dielectric
Polypropylene
ELECTRICAL CHARACTERISTICS – FFVE/FFWE POLYPROPYLENE DIELECTRIC
Dimensions millimeters (inches)
*Change “--” to “JE” for female connectors M5 x 7.5mm
*Change “J7” to “7X” for female connectors M5 x 7.5mm
LIFETIME EXPECTANCY FOR FFVE POLYPROPYLENE
Vw: permanent working or operating DC-voltage.
50
°C
70
°C
85
°C
95
°C
105
°C
1.6
1.8
1.4
1.2
1.0
0.8
0.6
100
1000
10000
Lifetime Expectancy (hours)
100000
1000000
-- and JE
Vw: permanent working or operating DC-voltage.
70
°C
85
°C
95
°C
105
°C
100
°C
50
°C
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.6
0.7
0.8
0.9
100
1000
10000
Lifetime Expectancy (hours)
100000
1000000
J7 and 7X
RATINGS AND PART NUMBER REFERENCE – POLYPROPYLENE DIELECTRIC
Part Number*
Capacitance
Height
Irms max.
Ls max.
Rs
Rth
Typical
(μF)
(A)
(nH)
(m )
(°C/W)
Weight (g)
Vndc 600 volts
(Voltage Code K)
FFVE6K0256K--
25
34 (1.339)
90
18
0.7
4.3
300
FFVE6K0107K--
100
40 (1.575)
100
25
0.6
4.8
350
FFVE6K0157K--
150
51 (2.008)
110
32
0.9
6.9
420
FFVE6K0227K--
220
64 (2.520)
100
40
1.0
8.4
500
Vndc 800 volts
(Voltage Code B)
FFVE6B0666K--
66
40 (1.575)
100
25
0.7
4.7
350
FFVE6B0107K--
100
51 (2.008)
90
32
1.0
6.7
420
FFVE6B0147K--
140
64 (2.520)
100
40
1.3
8.4
500
Vndc 900 volts
(Voltage Code C)
FFVE6C0126K--
12
34 (1.339)
70
18
0.9
4.4
300
FFVE6C0386K--
38
34 (1.339)
100
18
1.6
3.9
300
FFVE6C0476K--
47
40 (1.575)
100
25
0.8
4.6
350
FFVE6C0706K--
70
51 (2.008)
100
32
1.2
6.7
420
FFVE6C0107K--
100
64 (2.520)
90
40
1.1
8.2
500
Vndc 1000 volts
(Voltage Code L)
FFVE6L0666KJ7
66
40 (1.575)
70
25
1.5
5.1
350
FFVE6L0107KJ7
100
51 (2.008)
64
32
2.0
7.3
420
FFVE6L0147KJ7
140
64 (2.520)
51
40
2.5
9.2
500
Vndc 1200 volts
(Voltage Code U)
FFVE6U0476KJ7
47
40 (1.575)
66
25
1.7
4.9
350
FFVE6U0706KJ7
70
51 (2.008)
59
32
2.4
7.2
420
FFVE6U0107KJ7
100
64 (2.520)
49
40
2.9
8.9
500
Vndc 1900 volts
(Voltage Code N)
FFVE6N0156KJ7
15
40 (1.575)
73
25
1.1
5.2
350
FFVE6N0246KJ7
24
51 (2.008)
73
32
1.3
6.5
420
FFVE6N0356KJ7
35
64 (2.520)
67
40
1.6
8.4
500


Similar Part No. - FFWE4K0356K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFWE4K0356K-- AVX-FFWE4K0356K-- Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFWE4K0356K7X AVX-FFWE4K0356K7X Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFWE4K0356KJ7 AVX-FFWE4K0356KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFWE4K0356KJE AVX-FFWE4K0356KJE Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
More results

Similar Description - FFWE4K0356K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com