Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCA110AA Datasheet(PDF) 3 Page - SanRex Corporation

Part # SCA110AA
Description  THYRISTOR MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

SCA110AA Datasheet(HTML) 3 Page - SanRex Corporation

  SCA110AA Datasheet HTML 1Page - SanRex Corporation SCA110AA Datasheet HTML 2Page - SanRex Corporation SCA110AA Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCA(SCE)110AA
Per one element
単位エレメント当り
Per one element
単位エレメント当り
60Hz
60Hz
50Hz
50Hz
Tj =25℃ start
Single phase half wave
2000
2500
3000
1500
1000
500
順電流
IFSM
01
100
10
Times
通電サイクル数 n(cycles)
Surge Forward Current Rating〈Non-Repetitive〉
サージ順電流耐量〈非繰返し〉
(A)
per one Element
単位エレメント当たり
per one Element
単位エレメント当たり
junction to case
接合部─ケース間
junction to case
接合部─ケース間
Time(sec)
時間 t(秒)
Transient Thermal Impedance
過渡熱インピーダンス特性
0
0.05
0.1
0.15
0.2
0.25
0.3
0.001
0.01
0.1
1
10
過渡熱抵抗
θ
(℃/W)
j-c
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
Average On-State Current vs Power Dissipation〈SinglePhaseHalfWave〉
最大電力損失特性〈単相半波〉
Average On-State Current
(A)
平均電流
(A)
80
100
120
140
160
180
200
220
240
260
20
40
60
80
100 120 140 160 180
20
40
60
電力損失
(W)
: Conduction Angle
360
2
per one Element
単位エレメント当たり
per one Element
単位エレメント当たり
直流
D.C.
直流
D.C.
θ=120゜
θ=120゜
θ=90゜
θ=90゜
θ=60゜
θ=60゜
θ=30゜
θ=30゜
θ=180゜
θ=180゜
Current vs Allowable Case Temperature〈Single Phase Half Wave〉
電流対最大許容ケース温度〈単相半波〉
Average On-state Current (A)
平均電流 (A)
140
130
120
110
100
90
80
50
60
70
90 100 110 120130 140 150 160 170 180
10 20 30 40 50 60 70 80
最大許容ケース温度
(℃)
: Conduction Angle
360
2
per one Element
単位エレメント当たり
per one Element
単位エレメント当たり
直流
D.C.
直流
D.C.
ID(RMS)
Conduction Angle θ 180°
Conduction Angle θ 180°
Rth:0.5℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
Interface Thermal Impedance:0.11℃/W per Module
Rth:Heat Sink Thermal Impedance
95
85
90
110
100
105
120
115
125
130
20 40 60 80 100 120 140 160 180 200 220 240 260
0
50
75
25
0
100 125
50
100
150
200
250
300
350
400
450
0
Output Current(A)
出力電流(A)
Ambient Temperature(℃)
周囲温度(℃)
総損
許容ケース温
(℃)
(W)
Output Current(W1;Bidirectional connection)
許容出力電流(W1;逆並列接続)
130
95
90
85
100
105
110
115
120
125
0 20 40 60 80 100 120 140 160 180 200 220
50
75
25
0
100 125
200
300
400
500
600
700
800
900
100
0
Output Current(A)
出力電流(A)
Ambient Temperature(℃)
周囲温度(℃)
総損
(W)
許容ケース温
(℃)
Output Current(B2;Two pulse bridge connection)
許容出力電流(B2;単相ブリッジ接続)
Conduction Angle θ 180°
Conduction Angle θ 180°
Interface Thermal Impedance:0.11℃/W per Module
Interface Thermal Impedance:0.11℃/W per Module
Rth:0.5℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
ID(AV)
Rth:Heat Sink Thermal Impedance
ID(AV)
ID(RMS)
Rth:0.5℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
B6
B6
W3
W3
Interface Thermal Impedance:0.11℃/W per Module
Rth:Heat Sink Thermal Impedance
40 80 120 160 200 240 280
0
50 75
25
0
100 125
400
600
800
1000
1200
1400
200
0
Output Current(A)
出力電流(A)
Ambient Temperature(℃)
周囲温度(℃)
総損
(W)
115
95
90
85
100
105
110
120
125
130
Output Current
(B6;Six pulse bridge connection,W3;Three phase bidirectional connection)
許容出力電流(B6;三相ブリッジ接続,W3;三相逆並列接続)
許容ケース温
(℃)
Conduction Angle θ 180°
Conduction Angle θ 180°


Similar Part No. - SCA110AA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SCA110CA MCC-SCA110CA Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SCA110AA

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com