Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC40-B Datasheet(PDF) 1 Page - Recom International Power

Part # RAC40-B
Description  40 Watt Single/Dual/Double & Triple Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC40-B Datasheet(HTML) 1 Page - Recom International Power

  RAC40-B Datasheet HTML 1Page - Recom International Power RAC40-B Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC40-B
40 Watt
Single/Dual/
Double &
Triple Output
Compact 40W AC-DC Power Supply
Universal Input Voltage Range
3000VAC Isolation
Low Output Ripple and Noise
Short Circuit Protected
Triple Output with Independent Outputs
Suitable for Industrial Applications
CE Marked
Features
Regulated
Converters
Input Voltage Range
90-264VAC or 100-375VDC
Rated Power
40 Watts max.
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
115VAC/230VAC
860mA/ 460mA max.
No Load Power Consumption
115VAC/230VAC
720mW max.
Inrush Current (<2ms)
115VAC/230VAC
30A / 50A max.
Leakage Current
0.75mA max.
Holdup time
10ms min.
Output Voltage Accuracy (Full load)
(2)
Single, Dual Outputs ±2% typ.
Double/Triple: Main Output ±3% typ., Secondary Output(s) ±5% typ.
Line Voltage Regulation (low line, high line at full load )
Single, Dual Outputs ±0.5% typ.
Double/Triple: Main Output ±0.5% typ., Secondary Output(s) ±5% typ.
Load Voltage Regulation
(1% to 100% Load)
Single: ±1% typ.
(10% to 100% Load)
Dual: Main Output ±1% typ., Secondary Output ±1% typ.
(10% to 100% Load)
Double: Main Output ±2% typ., Secondary Output ±6% typ.
(10% to 100% Load)
Triple: Main Output ±3% typ., Secondary Outputs ±7% typ.
Cross Regulation
Dual: Main Output ±5%, Secondary Output ±5% typ.
Double: Main Output ±1% typ., Secondary Output ±7% typ.
Triple: Main output ±3% typ., Secondary Outputs ±7% typ.
Output Ripple and Noise (20MHz limited, 0.1µF and 47µF across outputs)
1% Vout max.
Operating Frequency
132kHz typ.
RMS Isolation Voltage (input to output)
3kVAC / 1 minute
Temperature Coefficient
±0.01%/°C typ.
Isolation Resistance
100 M
Ω min.
Short Circuit Protection
Continuous, Automatic Restart
Overcurrent Protection
105% typ.
Over Temperature Protection
100°C
Operating Temperature Range (free air convection, with derating)
-40°C to +70°C
Storage Temperature Range
-40°C to +85°C
continued on next page
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50
60 70 80 90
Natural Convection
-40
40
40
30
Compact switching power module for PCB or DIN-rail mounting
Description
Selection Guide
Part
Input
Output
Output
Efficiency
Max.
Number
Range
Voltage
Current
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load
RAC40-05SB
90-264
5
8000
81
40000µF
RAC40-12SB
90-264
12
3333
84
8600µF
RAC40-15SB
90-264
15
2666
83
6600µF
RAC40-24SB
90-264
24
1667
83
1400µF
RAC40-05DB
90-264
±5
±4000
81
±12000µF
RAC40-12DB
90-264
±12
±1666
83
±4400µF
RAC40-15DB
90-264
±15
±1333
83
±1000µF
RAC40-0512DB
90-264
5/12
5000/1250
82
10000/470µF
RAC40-0512TB
90-264
5/±12
+5000/±600
82
10000/±780µF
RAC40-0515TB
90-264
5/±15
+5000/±500
81
10000/±900µF
*add suffix "-ST” for screw terminal module e.g. RAC40-05SB-ST, RAC40-05DB-ST, RAC40-0512TB-ST
Specifications (typical at 25°C and after warm up time unless otherwise specified )
RoHS
2011/65/EU
6/6
Refer to Application Notes
Derating-Graph
(Ambient Temperature)
www.recom-power.com
PA-51
REV: 0/2015


Similar Part No. - RAC40-B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC40-0512DA RECOM-RAC40-0512DA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RAC40-0512DA RECOM-RAC40-0512DA Datasheet
119Kb / 2P
   Compact 40W AC-DC Power Supply
RAC40-0512DB RECOM-RAC40-0512DB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RAC40-0512TA RECOM-RAC40-0512TA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RAC40-0512TA RECOM-RAC40-0512TA Datasheet
119Kb / 2P
   Compact 40W AC-DC Power Supply
More results

Similar Description - RAC40-B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RAC30-S-D-TA RECOM-RAC30-S-D-TA Datasheet
87Kb / 2P
   30 Watt Single/Dual/ Double & Triple Output
RAC30-A RECOM-RAC30-A Datasheet
87Kb / 2P
   30 Watt Single/Dual/Double & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com