Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC30-12SA Datasheet(PDF) 2 Page - Recom International Power

Part # RAC30-12SA
Description  30 Watt Single/Dual/Double & Triple Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC30-12SA Datasheet(HTML) 2 Page - Recom International Power

  RAC30-12SA Datasheet HTML 1Page - Recom International Power RAC30-12SA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RAC30-S_D_TA
Series
POWERLINE
AC/DC-Converter
Operating Temperature Range (3)
Standard
-25°C to +70°C
(free air convection, with derating)
Suffix -E
-40°C to +70°C
Storage Temperature Range
-40°C to +85°C
Humidity
95% RH max.
Case Material
Epoxy with Fibreglass (UL94V-0)
Package Weight
212g
Packing Quantity
2 pcs (-ST Version: 1 pc)
EMC
EN 55022 Class B / EN 55024
MTBF (+25°C)
using MIL-HDBK-217F
200 x 103 hours
Specifications (typical at 25°C and after warm up time unless otherwise specified )
Standard Package Style and Pinning
6.0
81.30
25.00
2
6
5
12.70
Bottom View
89.00
63.50
1.0
4
12.70
1
55.88
3
15.24
7
15.24
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single Out
Dual Out
0512DA
Triple Out
1
VAC in (N)
VAC in (N)
VAC in (N)
VAC in (N)
2
VAC in (L)
VAC in (L)
VAC in (L)
VAC in (L)
3
+ VDC Out
+VDC Out
+12V Out
+ VDC Out
4
No Pin
No Pin
+5V Out
+5V Out
5
-VDC Out
Com
+12V Rtn
Vout Com
6
No Pin
No Pin
+5V Rtn
+5V Rtn
7
NC
-VDC Out
No Pin
-VDC Out
Screw Terminal Module Option (suffix -ST)
100.0
111.9
50.0
63.7
1
2
3
4
5
6
7
8
Fuse
5.5
30.5
RAC30-xxS_D_TA
Removable DIN-Rail
Mounting Bracket
Pin Connections
Pin #
Single Out
Dual Out
0512DA
Triple Out
1
NCNCNC
NC
2
VAC in (N)
VAC in (N)
VAC in (N)
VAC in (N)
3
VAC in (L)
VAC in (L)
VAC in (L)
VAC in (L)
4
+ VDC Out
+VDC Out
+12V Out
+ VDC Out
5
NC
NC
+5V Out
+5V Out
6
-VDC Out
Com
+12V Rtn
Com
7
NC
NC
+5V Rtn
+5V Rtn
8
NC
-VDC Out
NC
-VDC Out
NC = No Connection
Notes:
Note 1: Suggested input fuse rating 3.15A Slow Blow
Note 2: Triple output version has +/-Vout common that is not connected to +5V Return pin internally.
Note 3: Start up only is guaranteed at temperatures down to -25°C. Other specifications may not be met.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PA-50
www.recom-power.com
REV: 0/2015


Similar Part No. - RAC30-12SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC30-12SA RECOM-RAC30-12SA Datasheet
96Kb / 3P
   30 Watt Single, Dual & Triple Output
RAC30-12SA RECOM-RAC30-12SA Datasheet
87Kb / 2P
   30 Watt Single/Dual/ Double & Triple Output
More results

Similar Description - RAC30-12SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC30-S-D-TA RECOM-RAC30-S-D-TA Datasheet
87Kb / 2P
   30 Watt Single/Dual/ Double & Triple Output
RAC30-3.3SA RECOM-RAC30-3.3SA Datasheet
96Kb / 3P
   30 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RPM30-12XXS_DE RECOM-RPM30-12XXS_DE Datasheet
73Kb / 1P
   30-60 Watt Single , Dual & Triple Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com