Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3018SFG Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN3018SFG
Description  ESD Protected Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3018SFG Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN3018SFG Datasheet HTML 1Page - Diodes Incorporated DMN3018SFG Datasheet HTML 2Page - Diodes Incorporated DMN3018SFG Datasheet HTML 3Page - Diodes Incorporated DMN3018SFG Datasheet HTML 4Page - Diodes Incorporated DMN3018SFG Datasheet HTML 5Page - Diodes Incorporated DMN3018SFG Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMN3018SFG
Document number: DS35638 Rev. 4 - 2
5 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMN3018SFG
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI
®3333-8
Dim
Min
Max
Typ
D
3.25
3.35
3.30
E
3.25
3.35
3.30
D2
2.22
2.32
2.27
E2
1.56
1.66
1.61
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
0.203
b
0.27
0.37
0.32
b2
0.20
L
0.35
0.45
0.40
L1
0.39
e
0.65
Z
0.515
All Dimensions in mm
Dimensions
Value (in mm)
C
0.650
G
0.230
G1
0.420
Y
3.700
Y1
2.250
Y2
1.850
Y3
0.700
X
2.370
X2
0.420
A
A1
A3
D
D2
E
E2
b2
(4x)
L
(4x)
L1
(3x)
b (8x)
e
Z (4x)
Pin 1 ID
14
85
X
Y
Y1
Y3
Y2
X2
C
14
85
G
G1


Similar Part No. - DMN3018SFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3018SFG-13 DIODES-DMN3018SFG-13 Datasheet
266Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3018SFG-7 DIODES-DMN3018SFG-7 Datasheet
266Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3018SFGQ DIODES-DMN3018SFGQ Datasheet
539Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3018SFG DIODES-DMN3018SFG_15 Datasheet
266Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN3018SFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2020UFCL DIODES-DMN2020UFCL Datasheet
317Kb / 6P
   ESD Protected Gate
DMP22D4UFA DIODES-DMP22D4UFA Datasheet
159Kb / 6P
   ESD Protected Gate
DMP32D9UFZ DIODES-DMP32D9UFZ Datasheet
345Kb / 6P
   ESD Protected Gate
DMN3900UFA DIODES-DMN3900UFA Datasheet
275Kb / 6P
   ESD Protected
logo
Alpha & Omega Semicondu...
AON7264E AOSMD-AON7264E Datasheet
348Kb / 6P
   ESD protected
AON7262E AOSMD-AON7262E Datasheet
336Kb / 6P
   ESD protected
logo
Diodes Incorporated
DMP32D5LFA DIODES-DMP32D5LFA Datasheet
359Kb / 6P
   ESD Protected
logo
Shanghai Leiditech Elec...
2N7002W LEIDITECH-2N7002W Datasheet
1Mb / 6P
   ESD Protected:1000V
logo
Unisonic Technologies
UTRS3085 UTC-UTRS3085 Datasheet
262Kb / 7P
   TRANSCEIVERS WITH ESD-PROTECTED
UTRS3088 UTC-UTRS3088_18 Datasheet
241Kb / 8P
   TRANSCEIVERS WITH ESD-PROTECTED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com