Electronic Components Datasheet Search |
|
450T332R102B2B1 Datasheet(PDF) 9 Page - CTS Corporation |
|
450T332R102B2B1 Datasheet(HTML) 9 Page - CTS Corporation |
9 / 9 page MOUNTING STYLE “A” BRASS BUSHING MOUNT 2 – .250" (6.35mm) 3 – .375" (9.53mm) 8 – 1.000" (25.4mm) 1 – TWIST TAB A – .250" (6.35mm) B – .375" (9.53mm) SHAFT LENGTH “L” 20 – .625" (15.9mm) 24 – .750" (19.1mm) 28 – .875" (22.2mm) 32 – 1.000" (25.4mm) TERMINAL STYLE T – SOLDER LUG X – PC (STD.) U – FORMED TO FRONT V – FORMED TO REAR Ordering Information T 2 20 R 103 B 1 RESIST TOL A – ±10% B – ±20% SHAFT TRIM R – ROUND F – FLATTED K – KNURLED & SLOTTED S – SLOTTED TAPER 1 – LINEAR 2 – 10% AUD 3 – 10% CCW AUD SPECIALS 1 – LEFT SIDE LUG 4 – RIGHT SIDE LUG 5 – NO LOCATING LUG RESISTANCE CODE EXAMPLES CODE RESISTANCE 501 500 102 1K 252 2.5K 502 5K 103 10K 253 25K 104 100K SWITCH ACTUATION CTS TYPE C – SPST ROTARY TGC D – DPST ROTARY 027 E – SPDT ROTARY 028 F – SPST PULL-PUSH FRK G – SPST PUSH-PUSH 040 H – SPDT PUSH-PUSH 041 450 *6 – BOTH SIDE LUGS Y – PC (LONG) B – SPST ROTARY 050 M – .250" (6.35mm) M2 – .625" (15.9mm) M3 – .750" (19.1mm) M4 – .875" (22.2mm) M5 – 1.000" (25.4mm) METAL SHAFT MOLDED SHAFT A – NONE M1 – .500" (12.7mm) Notes: * Reduce .014” length when molded bushing is used * Molded shafts for pot only, or pot with rotary switch. 9 - 9 CTS Electrocomponents www.ctscorp.com 1 A J – SPST FR-GC ROTARY 04/29/15 © 2015 CTS Corporation. All rights reserved. Information subject to change. DIAMETER: 3/8” LENGTH INCREMENT: 1/8” DIE-CAST BUSHING MOUNT DIAMETER: 3/8” MOLDED BUSHING MOUNT DIAMETER: 3/8” TWIST TAB MOUNT DIAMETER: 1/4” LENGTH INCREMENT: 1/32” Please consult factory for other mounting options or custom features not listed. EXAMPLES Notes: * BOTH SIDE LUG OPTION AVAILABLE WITH BRASS BUSHING ONLY |
Similar Part No. - 450T332R102B2B1 |
|
Similar Description - 450T332R102B2B1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |