Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOSW686M002S0400 Datasheet(PDF) 5 Page - AVX Corporation

Part # NOSW686M002S0400
Description  Niobium Oxide Capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOSW686M002S0400 Datasheet(HTML) 5 Page - AVX Corporation

  NOSW686M002S0400 Datasheet HTML 1Page - AVX Corporation NOSW686M002S0400 Datasheet HTML 2Page - AVX Corporation NOSW686M002S0400 Datasheet HTML 3Page - AVX Corporation NOSW686M002S0400 Datasheet HTML 4Page - AVX Corporation NOSW686M002S0400 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
185
103015
OxiCap
® NOS Low ESR Series
Niobium Oxide Capacitor
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for capacitors allow an ESR movement to 1.25 times catalog limit post mounting.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
TEST
NOS series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
initial limit
Endurance
ΔC/C
within ±10% of initial value
DF
initial limit
ESR
1.25 x initial limit
Visual examination
no visible damage
DCL
initial limit
Storage Life
125ºC, 0V, 2000h
ΔC/C
within ±10% of initial value
DF
initial limit
ESR
1.25 x initial limit
Visual examination
no visible damage
Biased
DCL
2 x initial limit
Humidity
ΔC/C
within ±10% of initial value
DF
1.2 x initial limit
ESR
1.25 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC +20ºC
Temperature
DCL
IL*
n/a
IL*
12 x IL*
15 x IL*
IL*
Stability
ΔC/C
n/a
+0/-10%
±5%
+10/-0%
+12/-0%
±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
ESR
1.25 x IL* 2.5 x IL*
1.25 x IL* 1.25 x IL* 1.25 x IL* 1.25 x IL*
Visual examination
no visible damage
Surge
DCL
initial limit
Voltage
ΔC/C
within ±5% of initial value
DF
initial limit
ESR
1.25 x initial limit
Determine after application of rated voltage for 2000
+48/-0 hours at 85±2ºC and then leaving 1-2 hours at
room temperature. Also determine of 125ºC tempera-
ture, category voltage for 2000 +48/-0 hours and
then leaving 1-2 hours at room temperature. Power
supply impedance to be ≤0.1Ω/V.
Determine after leaving for 1000 hours at 85±2ºC,
85% relative humidity and rated voltage and then
recovery 1-2 hours at room temperature.
Test temperature: 125ºC+3/0ºC
Test voltage: Category voltage at 125ºC
Surge voltage:1.3 x category voltage at 125ºC
Series protection resistance 1000±100Ω
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+125+3/-0
15
6
+20±2
15
*Initial Limit
QUALIFICATION TABLE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (mΩ)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
NOSE337M006#0080
E
330
6.3
85
3
125
39.6
12
80
3
1.573
1.416
0.629
NOSE337M006#0100
E
330
6.3
85
3
125
39.6
12
100
3
1.407
1.266
0.563
NOSE337M006#0300
E
330
6.3
85
3
125
39.6
12
300
3
0.812
0.731
0.325
NOSV477M006#0075
V
470
6.3
85
3
125
56.4
14
75
3
2.000
1.800
0.800
NOSV477M006#0300
V
470
6.3
85
3
125
56.4
14
300
3
1.000
0.900
0.400
8 Volt @ 85°C
NOSA106M008#2200
A
10
8
85
4
125
1.6
10
2200
1
0.202
0.182
0.081
NOSB106M008#1000
B
10
8
85
4
125
1.6
10
1000
1
0.319
0.287
0.128
NOSB156M008#2000
B
15
8
85
4
125
2.4
10
2000
1
0.226
0.203
0.090
NOSB226M008#0700
B
22
8
85
4
125
3.5
10
700
3
0.382
0.344
0.153
NOSB226M008#1800
B
22
8
85
4
125
3.5
10
1800
1
0.238
0.214
0.095
NOSC226M008#0500
C
22
8
85
4
125
3.5
10
500
1
0.514
0.462
0.206
NOSC336M008#0500
C
33
8
85
4
125
5.3
10
500
1
0.514
0.462
0.206
NOSC476M008#0400
C
47
8
85
4
125
7.5
10
400
1
0.574
0.517
0.230
NOSC686M008#0500
C
68
8
85
4
125
11.0
16
500
1
0.514
0.462
0.206
NOSD107M008#0400
D
100
8
85
4
125
16.0
16
400
3
0.671
0.604
0.268


Similar Part No. - NOSW686M002S0400

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOSW686M002-0150 AVX-NOSW686M002-0150 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
More results

Similar Description - NOSW686M002S0400

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
NOSB107M001-0350 AVX-NOSB107M001-0350 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
TPSA475K010R1400 AVX-TPSA475K010R1400 Datasheet
102Kb / 5P
   Tantalum and Niobium Oxide Capacitors
TPSA154M050R9000 AVX-TPSA154M050R9000 Datasheet
140Kb / 6P
   Tantalum Capacitors Niobium Oxide Capacitors (OxiCapTM)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com