Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450T328F501B2B1 Datasheet(PDF) 9 Page - CTS Corporation

Part # 450T328F501B2B1
Description  Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450T328F501B2B1 Datasheet(HTML) 9 Page - CTS Corporation

  450T328F501B2B1 Datasheet HTML 1Page - CTS Corporation 450T328F501B2B1 Datasheet HTML 2Page - CTS Corporation 450T328F501B2B1 Datasheet HTML 3Page - CTS Corporation 450T328F501B2B1 Datasheet HTML 4Page - CTS Corporation 450T328F501B2B1 Datasheet HTML 5Page - CTS Corporation 450T328F501B2B1 Datasheet HTML 6Page - CTS Corporation 450T328F501B2B1 Datasheet HTML 7Page - CTS Corporation 450T328F501B2B1 Datasheet HTML 8Page - CTS Corporation 450T328F501B2B1 Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MOUNTING STYLE “A”
BRASS BUSHING MOUNT
2 – .250" (6.35mm)
3 – .375" (9.53mm)
8 – 1.000" (25.4mm)
1 – TWIST TAB
A – .250" (6.35mm)
B – .375" (9.53mm)
SHAFT LENGTH “L”
20 – .625" (15.9mm)
24 – .750" (19.1mm)
28 – .875" (22.2mm)
32 – 1.000" (25.4mm)
TERMINAL STYLE
T – SOLDER LUG
X – PC (STD.)
U – FORMED TO FRONT
V – FORMED TO REAR
Ordering Information
T
2
20
R
103
B
1
RESIST TOL
A – ±10%
B – ±20%
SHAFT TRIM
R – ROUND
F – FLATTED
K – KNURLED & SLOTTED
S – SLOTTED
TAPER
1 – LINEAR
2 – 10% AUD
3 – 10% CCW
AUD
SPECIALS
1 – LEFT SIDE LUG
4 – RIGHT SIDE LUG
5 – NO LOCATING LUG
RESISTANCE CODE
EXAMPLES
CODE
RESISTANCE
501
500
102
1K
252
2.5K
502
5K
103
10K
253
25K
104
100K
SWITCH
ACTUATION
CTS TYPE
C – SPST
ROTARY
TGC
D – DPST
ROTARY
027
E – SPDT
ROTARY
028
F – SPST
PULL-PUSH
FRK
G – SPST
PUSH-PUSH
040
H – SPDT
PUSH-PUSH
041
450
*6 – BOTH SIDE LUGS
Y – PC (LONG)
B – SPST
ROTARY
050
M – .250" (6.35mm)
M2 – .625" (15.9mm)
M3 – .750" (19.1mm)
M4 – .875" (22.2mm)
M5 – 1.000" (25.4mm)
METAL SHAFT
MOLDED SHAFT
A – NONE
M1 – .500" (12.7mm)
Notes:
* Reduce .014” length when
molded bushing is used
* Molded shafts for pot only,
or pot with rotary switch.
9 - 9
CTS Electrocomponents
www.ctscorp.com
1
A
J – SPST
FR-GC
ROTARY
04/29/15
© 2015 CTS Corporation. All rights reserved. Information subject to change.
DIAMETER: 3/8”
LENGTH INCREMENT: 1/8”
DIE-CAST BUSHING MOUNT
DIAMETER: 3/8”
MOLDED BUSHING MOUNT
DIAMETER: 3/8”
TWIST TAB MOUNT
DIAMETER: 1/4”
LENGTH INCREMENT: 1/32”
Please consult factory for other mounting options or custom features not listed.
EXAMPLES
Notes:
* BOTH SIDE LUG OPTION
AVAILABLE WITH BRASS
BUSHING ONLY


Similar Part No. - 450T328F501B2B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T124F252A1A1 CTS-450T124F252A1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450T124F252A1A2 CTS-450T124F252A1A2 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450T124F252A1G1 CTS-450T124F252A1G1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450T124F252A1G2 CTS-450T124F252A1G2 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450T124F252A2A1 CTS-450T124F252A2A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
More results

Similar Description - 450T328F501B2B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com