Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME271Y447MR04 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PME271Y447MR04
Description  Capacitor, film
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271Y447MR04 Datasheet(HTML) 1 Page - Kemet Corporation

  PME271Y447MR04 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PME271Y447MR04
aka P271HL472M250CL40J
Capacitor, film, 4700 pF, +/-20% Tol, -40/+100C, Safety: Y2, 250VAC,
Lead Spacing=10.2 mm
L
H
LL
F
T
S
Dimensions (mm)
ID
Dimension
Tolerance
L
13.5
max
H
10.5
max
T
5.1
max
S
10.2
+/-0.4
LL
4
nom
F
0.6
nom
Specifications
Manufacturer:
KEMET
Brand:
Rifa
Capacitance:
4700 pF
Temperature Range:
-40/+100C
Rated Temperature:
100C
Voltage @ rated temp:
1000V
Voltage AC:
250VAC
Tolerance:
+/-20%
Body Type:
Radial Molded
Construction:
Wound
Application:
Safety: Y2
Dissipation Factor @ 1 kHz:
1.3%
Insulation Resistance:
12 GOhm
Maximum dVdT:
2000v/us
UL_1283:
250V
IEC_60384-14:
250V
EN_132400:
250V
C_22.2_NO.8:
250V
Miscellaneous Electrical:
fo= 24 MHz series(PME271Y)
Package Kind:
Bulk
Package Quantity:
1600
© 2006-2012 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but
are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or
use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct
products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of
our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - PME271Y447MR04

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271Y447MR06 KEMET-PME271Y447MR06 Datasheet
54Kb / 1P
   Capacitor, film, 4700 pF, /-20% Tol, -40/100C, Safety: Y2, 250VAC, Lead Spacing=10.2 mm
More results

Similar Description - PME271Y447MR04

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE840MB5470KB04R17 KEMET-PHE840MB5470KB04R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MD6220KD13R06L2 KEMET-PHE840MD6220KD13R06L2 Datasheet
37Kb / 1P
   Capacitor, film
R46KI315000P0M KEMET-R46KI315000P0M Datasheet
37Kb / 1P
   Capacitor, film
PHE850EA4100MA01R17 KEMET-PHE850EA4100MA01R17 Datasheet
37Kb / 1P
   Capacitor, film
F840BE104K300A KEMET-F840BE104K300A Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6220KB12R17 KEMET-PHE840MB6220KB12R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6150KB10R17 KEMET-PHE840MB6150KB10R17 Datasheet
37Kb / 1P
   Capacitor, film
R46KI322000P0M KEMET-R46KI322000P0M Datasheet
36Kb / 1P
   Capacitor, film
MMK15105J100B04L4BULK KEMET-MMK15105J100B04L4BULK Datasheet
37Kb / 1P
   Capacitor, film
C4DEFPQ6175A8TK KEMET-C4DEFPQ6175A8TK Datasheet
60Kb / 1P
   Capacitor, film
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com