Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZN448E Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ZN448E
Description  8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZN448E Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ZN448E Datasheet HTML 1Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 2Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 3Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 4Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 5Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 6Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 7Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 8Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ZN448/9
4
After the CONVERT input goes high again the MSB decision
is made and the successive approximation routine runs to
completion.
The CONVERT pulse can be as short as 200ns; however the
MSB must be allowed to settle for at least 550ns before the
MSB decision is made. To ensure that this criterion is met
even with short CONVERT pulses the converter waits, after
the CONVERT input goes high, for a rising clock edge followed
by a falling clock edge, the MSB decision being taken on the
falling clock edge. This ensures that the MSB is allowed to
settle for at least half a clock period, or 550ns at maximum
clock frequency. The CONVERT input is not locked out during
a conversion and if it is oulsed low at any time the converter
will restart.
The
BUSY output goes high simultaneously with the LSB
decision, at the end of a conversion indicating data valid. Note
that if the three-state data outputs are enabled during a
conversion the valid data will be available at the outputs after
the rising edge of the
BUSY signal. If, however the outputs are
not enabled until after
BUSY goes high then the data will be
subject to the propagation delay of the three-state buffers.
(See under DATA OUTPUTS).
Fig.3 ZN448/9 timing diagram


Similar Part No. - ZN448E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN404 ETC1-ZN404 Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
ZN404D ETC1-ZN404D Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
logo
General Electric Compan...
ZN409CE GEC-ZN409CE Datasheet
32Kb / 5P
   PRECISION SERVO INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
ZN414 ETC-ZN414 Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
ZN414Z ETC-ZN414Z Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
More results

Similar Description - ZN448E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
   MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
logo
List of Unclassifed Man...
ADC-908 ETC1-ADC-908 Datasheet
859Kb / 12P
   CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
logo
DATEL, Inc.
ADC-830 DATEL-ADC-830 Datasheet
287Kb / 6P
   ADC-830 Microprocessor-Compatible 8-Bit A/D Converter
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com