Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWAE567M060SBSZ0000 Datasheet(PDF) 5 Page - AVX Corporation

Part # TWAE567M060SBSZ0000
Description  COTS-Plus Wet Electrolytic Tantalum Capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TWAE567M060SBSZ0000 Datasheet(HTML) 5 Page - AVX Corporation

  TWAE567M060SBSZ0000 Datasheet HTML 1Page - AVX Corporation TWAE567M060SBSZ0000 Datasheet HTML 2Page - AVX Corporation TWAE567M060SBSZ0000 Datasheet HTML 3Page - AVX Corporation TWAE567M060SBSZ0000 Datasheet HTML 4Page - AVX Corporation TWAE567M060SBSZ0000 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
99
TWA Series
COTS-Plus Wet Electrolytic Tantalum Capacitor
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2V.
DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the rights to supply higher voltage rating in the same case size, to the same reliability standards.
*Not recommended for new designs, for new design use part number with Inspection level “S” – COTS-Plus
RATINGS & PART NUMBER REFERENCE
Cap (μF)
DC Rated
ESR Max
DC Leakage max (μA)
TANG Max
Impedance
Maximum Capacitance Change
AC Ripple
Case Size
AVX Part Number
25ºC
Votage (V)
(ohms)
+25ºC
+85 &
+25ºC (%)
max (Ohms)
(%)
(mA rms)
at 120Hz
at 85ºC
at 120Hz
+125ºC
-55ºC at 120Hz
-55ºC
+85ºC
+125ºC
85ºC at 40kHZ
AVX
DSCC
75 VDC at 85°C 50 VDC at 125°C
TWAA226*075 BEZ0^00
22
75
5.1
30
12
8.5
157
-19
10
12
600
A
T1
TWAA336*075 BSZ0000
33
75
2.5
1
5
66
-25
5
9
1050
A
T1
TWAB107*075 BEZ0^00
100
75
2.5
2
10
12
24
-35
6
10
1400
B
T2
TWAB117*075 BSZ0000
110
75
1.3
2
10
24
-35
6
10
1650
B
T2
TWAD157*075 BEZ0^00
150
75
1.2
3
30
25
60
-40
20
20
1340
D
T3
TWAD227*075 BEZ0^00
220
75
1.2
3
30
24
20
-45
6
10
1500
D
T3
TWAE227*075 BEZ0^00
220
75
1.1
2.5
30
22
20
-50
6
10
1800
E
T4
TWAD337*075 BSZ0000
330
75
1
3
30
12
-45
6
10
2100
D
T3
TWAE337*075 BEZ0^00
330
75
1
3
40
30
12
-50
6
10
2200
E
T4
TWAE477*075 BSZ0000
470
75
0.9
5
50
12
-55
6
10
2750
E
T4
TWAE477*075 BEZ0^00*
470
75
0.9
5
50
38
12
-55
6
10
2750
E
T4
TWAE687*075 BEZ0^00
680
75
0.9
11
110
45
10
-70
30
40
2750
E
T4
TWAE757*075 BEZ0^00
750
75
0.7
12
120
60
10
-70
30
40
3800
E
T4
TWAE108*075 BEZ0^00
1000
75
0.5
20
200
70
8
-90
12
20
3500
E
T4
100 VDC at 85°C 65 VDC at 125°C
TWAA156*100 BSZ0000
15
100
3.5
1
5
125
-18
3
10
1050
A
T1
TWAB686*100 BSZ0000
68
100
2.1
2
10
37
-30
4
12
1650
B
T2
TWAB686*100 BEZ0^00*
68
100
2.5
2
10
13
37
-30
4
12
1650
B
T2
TWAD157*100 BSZ0000
150
100
1.6
3
25
22
22
-35
6
12
2100
D
T3
TWAD157*100 BEZ0^00*
150
100
1.6
3
25
22
22
-35
6
12
2100
D
T3
TWAD227*100 BEZ0^00
220
100
1.4
5
25
30
18
-50
10
15
2500
D
T3
TWAE227*100 BSZ0000
220
100
1.2
5
50
15
-40
6
12
2750
E
T4
TWAE227*100 BEZ0^00*
220
100
1.2
5
50
24
15
-40
6
12
2750
E
T4
TWAE337*100 BEZ0^00
330
100
0.8
6
60
30
10
-45
7
20
3600
E
T4
TWAE407*100 BEZ0^00
400
100
0.8
10
150
30
10
-50
10
35
4100
E
T4
TWAE477M100 BEZ0^00
470
100
0.7
25
250
35
10
-50
10
35
4100
E
T4
TWAE757*100 BEZ0^00
750
100
0.7
20
200
45
10
-40
20
50
6700
E
T4
125 VDC at 85°C 85 VDC at 125°C
TWAA106*125 BSZ0000
10
125
5.5
1
5
175
-15
3
10
1050
A
T1
TWAB476*125 BSZ0000
47
125
2.3
2
10
47
-25
5
12
1650
B
T2
TWAD107*125 BSZ0000
100
125
1.8
3
25
35
-35
5
12
2100
D
T3
TWAD107*125 BEZ0^00*
100
125
1.8
3
25
18
35
-35
5
12
2100
D
T3
TWAD127*125 BEZ0^00
120
125
1.8
3
25
18
35
-35
5
12
2100
D
T3
TWAE157*125 BSZ0000
150
125
1.6
5
50
20
-35
6
12
2750
E
T4
TWAE157*125 BEZ0^00*
150
125
1.6
5
50
35
20
-35
6
16
2750
E
T4
TWAE227*125 BEZ0^00
220
125
1.4
10
50
25
12
-40
8
15
3600
E
T4
REV 01


Similar Part No. - TWAE567M060SBSZ0000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
More results

Similar Description - TWAE567M060SBSZ0000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWC AVX-TWC Datasheet
123Kb / 2P
   TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com