Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZN448 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZN448
Description  8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZN448 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZN448 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZN448 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZN448 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZN448 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZN448 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZN448 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZN448 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZN448 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZN448 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ZN448/9
13
UNIPOLAR OPERATION
The general connection for unipolar operation is shown in
Fig.16.
The values of R
1 and R2 are chosen so that VIN = VREF IN when
the analog input (A
IN) is at full-scale.
The resulting full-scale range is given by:
A
INFS =
1 +
, V
REF IN = G.VREF IN.
To match the ladder resistance R
1/R2 (RIN) = 4k.
The required nominal values of R
1 and R2 are given by R1 =
4Gk, R
2 = 4G
k
G-1
Fig.16 General unipolar input connections
R1
R2
680k
1M
ZERO
ADJUST
GROUND
7
9
6
ZN448/9
VIN
AIN
VREF IN
Using these relationships a table of nominal values of R
1 and
R
2 can be constructed for VREF IN = 2.5V.
Gain adjustment
Due to tolerance in R
1 and R2, tolerance in VREF and the gain
(full-scale) error of the DAC, some adjustment should be
incorporated into R
1 to calibrate the full-scale of the converter.
When used with the internal reference and 2% resistors a
preset capable of adjusting R
1 by at least ±5% of its nominal
value is suggested.
R
2
8k
5.33k
R
1
8k
16k
G
2
4
Input range
+5V
+10V
Zero adjustment
Due to offsets in the DAC and comparator the zero (0 to 1)
code transition would occur with typically 15mV applied to the
comparator input, which correpsonds to 1.5LSB with a 2.56V
reference.
Zero adjustment must therefore be provided to set the zero
transition to its correct value of +0.5LSB or 5mV with a 2.56V
reference. This is achieved by applying an adjustable positive
offset to the comparator input via P2 and R3. The values
shown are suitable for all input ranges greater than 1.5 times
V
REF IN.
Practical circuit values for +5 and +10V input ranges are given
in Fig.17, which incorporates both zero and gain adjustments.
R
1
R
2


Similar Part No. - ZN448

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN404 ETC1-ZN404 Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
ZN404D ETC1-ZN404D Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
logo
General Electric Compan...
ZN409CE GEC-ZN409CE Datasheet
32Kb / 5P
   PRECISION SERVO INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
ZN414 ETC-ZN414 Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
ZN414Z ETC-ZN414Z Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
More results

Similar Description - ZN448

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
   MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
logo
List of Unclassifed Man...
ADC-908 ETC1-ADC-908 Datasheet
859Kb / 12P
   CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
logo
DATEL, Inc.
ADC-830 DATEL-ADC-830 Datasheet
287Kb / 6P
   ADC-830 Microprocessor-Compatible 8-Bit A/D Converter
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com