Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1SS88 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. 1SS88
Description  Silicon Schottky Barrier Diode for CATV Balanced Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

1SS88 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  1SS88 Datasheet HTML 1Page - Hitachi Semiconductor 1SS88 Datasheet HTML 2Page - Hitachi Semiconductor 1SS88 Datasheet HTML 3Page - Hitachi Semiconductor 1SS88 Datasheet HTML 4Page - Hitachi Semiconductor 1SS88 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1SS88
Rev.1, Oct. 2000, page 3 of 5
Main Characteristic
Fig.1 Forward current Vs. Forward voltage
Fig.2 Reverse current Vs. Reverse voltage
Fig.3 Capacitance Vs. Reverse voltage
Forward voltage VF (V)
Reverse voltage VR (V)
0.1
10
1.0
0.1
10
f = 1MHz
Reverse voltage VR (V)
0
2
10
10
-6
10
-5
-7
10
8
10
-8
10
-9
6
4
1.0
10
-6
10
-1
0
0.2
0.4
0.6
0.8
1.0
10
-3
10
-5
10
-4
10
-2


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn