Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1SS88 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. 1SS88
Description  Silicon Schottky Barrier Diode for CATV Balanced Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

1SS88 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  1SS88 Datasheet HTML 1Page - Hitachi Semiconductor 1SS88 Datasheet HTML 2Page - Hitachi Semiconductor 1SS88 Datasheet HTML 3Page - Hitachi Semiconductor 1SS88 Datasheet HTML 4Page - Hitachi Semiconductor 1SS88 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1SS88
Silicon Schottky Barrier Diode for CATV Balanced Mixer
ADE-208-187A (Z)
Rev. 1
Oct. 2000
Features
• Low capacitance. (C = 0.97 pF max)
• High reliability with glass seal.
Ordering Information
Type No.
Cathode band
Mark
Package Code
1SS88
White
H
DO-35
Outline
1
2
Cathode band
1. Cathode
2. Anode


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn