Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

270V216T102A1A Datasheet(PDF) 7 Page - CTS Corporation

Part # 270V216T102A1A
Description  Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

270V216T102A1A Datasheet(HTML) 7 Page - CTS Corporation

  270V216T102A1A Datasheet HTML 1Page - CTS Corporation 270V216T102A1A Datasheet HTML 2Page - CTS Corporation 270V216T102A1A Datasheet HTML 3Page - CTS Corporation 270V216T102A1A Datasheet HTML 4Page - CTS Corporation 270V216T102A1A Datasheet HTML 5Page - CTS Corporation 270V216T102A1A Datasheet HTML 6Page - CTS Corporation 270V216T102A1A Datasheet HTML 7Page - CTS Corporation 270V216T102A1A Datasheet HTML 8Page - CTS Corporation 270V216T102A1A Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIMENSION:
mm
INCH
270X-057X Metal Shaft, Bushing Mount, Printed Circuit “X” Type Terminals,
Rotary 057 Switch
.313
CLEARANCE FOR
CLEARANCE FOR 2.39/.094 x 1.0/.040
LOCATING LUG. (2)HOLES.
7.95
BUSHING
MTG. SURFACE
9.53
11.13
7.95
7.95
Ø1.4 MIN 5HL'S.
MTG. SURFACE
.375
3.81
.150
16.6
.652
L± 0.80
.031
.016
0.40
.313
7.95
.313
.313
.438
2.39
.094
7.95
.313
5.72
.225
.161
4.09
4.37
.172
4.37
.172
4.50
.177
15.09
.594
11.15
.439
3
2
1
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
7 - 9
© 2015 CTS Corporation. All rights reserved. I nformation subject to change.
03/27/15
CTS Electrocomponents
www.ctscorp.com
R
P
"DEMI" SWITCH
CW
CCW
CIRCUIT
CLOCKWISE
S2
S1
1
3
2
WIPER
S2
3
2
1
S1
Ø15.9
MOUNTING HOLE DETAIL
7.95±0.05
CLEARANCE FOR BUSHING.
CLEARANCE FOR 2.4 X 1.0(.094 X .039)
LOCATING LUG. (2)HOLES.
.313±.002
.313±.002
7.95±0.05
18.7
.736
.626
L±0.8
.031
3/8-32UNEF-2A
MOUNTING SURFACE
7.95
.313
11.13
.438
15.9
.626
DIMENSION:
mm
INCH
270T-DEMIT Metal Shaft, Bushing Mount, Solder Lug “T” Type Terminals,
DEMI Switch
.016
0.4
"A"±
MOUNTING HOLE DETAIL
3/8-32UNEF-2A


Similar Part No. - 270V216T102A1A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
270V220A103A1A1 CTS-270V220A103A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V220A103B1A1 CTS-270V220A103B1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V220A501A1A1 CTS-270V220A501A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V220A501B1A1 CTS-270V220A501B1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V220R103A1A1 CTS-270V220R103A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results

Similar Description - 270V216T102A1A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
TOCOSAMERICA, INC.
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com